Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT28F160S3-100 Datasheet(PDF) 10 Page - Intel Corporation

Part # DT28F160S3-100
Description  WORD-WIDE FlashFile MEMORY FAMILY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DT28F160S3-100 Datasheet(HTML) 10 Page - Intel Corporation

Back Button DT28F160S3-100 Datasheet HTML 6Page - Intel Corporation DT28F160S3-100 Datasheet HTML 7Page - Intel Corporation DT28F160S3-100 Datasheet HTML 8Page - Intel Corporation DT28F160S3-100 Datasheet HTML 9Page - Intel Corporation DT28F160S3-100 Datasheet HTML 10Page - Intel Corporation DT28F160S3-100 Datasheet HTML 11Page - Intel Corporation DT28F160S3-100 Datasheet HTML 12Page - Intel Corporation DT28F160S3-100 Datasheet HTML 13Page - Intel Corporation DT28F160S3-100 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
28F160S3, 28F320S3
E
10
ADVANCE INFORMATION
GND
A10
VPP
CE0
A14
VCC
A4
A7
A9
A11
A12
A15
A17
A19
A5
A6
A8
RP#
A13
A16
A21
A20
A2
A1
A3
A18
CE1
NC
NC
NC
BYTE#
DQ7
WP#
WE#
A0
DQ8
DQ1
DQ3
DQ12
DQ6
DQ15
OE#
DQ0
DQ9
DQ2
DQ11
DQ4
DQ13
DQ14
STS
VCC
DQ10
GND
VCC
DQ5
GND
GND A10
VPP CE0 A14
VCC
A4
A7
A9
A11
A12
A15
A17
A19
A5
A6
A8
RP# A13
A16
A21
A20
A2
A1
A3
A18
CE1 NC
NC
NC BYTE#
DQ7 WP# WE#
A0
DQ8 DQ1 DQ3 DQ12 DQ6 DQ15 OE#
DQ0 DQ9 DQ2 DQ11 DQ4 DQ13 DQ14 STS
VCC DQ10 GND VCC DQ5 GND
Bottom View
This is the view of the package as surface mounted on
the board. Note that the signals are mirror imaged.
NOTES:
1.
Figures are not drawn to scale.
2.
Address A21 is not included in the 28F160S3.
3.
More information on µBGA* packages is available by contacting your Intel/Distribution sales office.
Figure 4.
µBGA* Package Pinout
2.0
PRINCIPLES OF OPERATION
The word-wide memories include an on-chip
Write State Machine (WSM) to manage block
erase,
program,
and
lock-bit
configuration
functions. It allows for: 100% TTL-level control
inputs, fixed power supplies during block erasure,
programming, lock-bit configuration, and minimal
processor
overhead
with
RAM-like
interface
timings.
After initial device power-up or return from deep
power-down mode (see Bus Operations), the
device defaults to read array mode. Manipulation
of external memory control pins allow array read,
standby, and output disable operations.
Read Array, Status Register, query, and identifier
codes
can
be
accessed
through
the
CUI
independent
of
the
VPP
voltage.
Proper
programming voltage on VPP enables successful
block
erasure,
program,
and
lock-bit
configuration.
All
functions
associated
with
altering memory contents—block erase, program,
lock-bit configuration—are accessed via the CUI
and verified through the Status Register.


Similar Part No. - DT28F160S3-100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
More results

Similar Description - DT28F160S3-100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Macronix International
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
logo
Intel Corporation
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Dallas Semiconductor
DS2229 DALLAS-DS2229 Datasheet
374Kb / 10P
   Word-Wide 8 Meg SRAM Stik
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com