Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB28F016S5-110 Datasheet(PDF) 7 Page - Intel Corporation

Part # TB28F016S5-110
Description  BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TB28F016S5-110 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TB28F016S5-110 Datasheet HTML 3Page - Intel Corporation TB28F016S5-110 Datasheet HTML 4Page - Intel Corporation TB28F016S5-110 Datasheet HTML 5Page - Intel Corporation TB28F016S5-110 Datasheet HTML 6Page - Intel Corporation TB28F016S5-110 Datasheet HTML 7Page - Intel Corporation TB28F016S5-110 Datasheet HTML 8Page - Intel Corporation TB28F016S5-110 Datasheet HTML 9Page - Intel Corporation TB28F016S5-110 Datasheet HTML 10Page - Intel Corporation TB28F016S5-110 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
E
BYTE-WIDE SMART 5 FlashFile™ MEMORY FAMILY
7
PRODUCT PREVIEW
Table 1. Pin Descriptions
Sym
Type
Name and Function
A0–A20
INPUT
ADDRESS INPUTS: Inputs for addresses during read and write operations.
Addresses are internally latched during a write cycle.
4 Mbit
→ A
0–A18
8 Mbit
→ A
0–A19
16 Mbit
→ A
0–A20
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUT/OUTPUTS: Inputs data and commands during CUI write cycles;
outputs data during memory array, status register, and identifier code read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are
disabled. Data is internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders, and
sense amplifiers. CE#-high deselects the device and reduces power consumption to
standby levels.
RP#
INPUT
RESET/DEEP POWER-DOWN: When driven low, RP# inhibits write operations
which provides data protection during power transitions, puts the device in deep
power-down mode, and resets internal automation. RP#-high enables normal
operation. Exit from deep power-down sets the device to read array mode.
RP# at VHH enables setting of the master lock-bit and enables configuration of block
lock-bits when the master lock-bit is set. RP# = VHH overrides block lock-bits,
thereby enabling block erase and program operations to locked memory blocks.
Block erase, program, or lock-bit configuration with VIH < RP# < VHH produce
spurious results and should not be attempted.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data
are latched on the rising edge of the WE# pulse.
RY/BY#
OUTPUT READY/BUSY#: Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase, program, or lock-bit configuration).
RY/BY#-high indicates that the WSM is ready for new commands, block erase or
program is suspended, or the device is in deep power-down mode. RY/BY# is
always active.
VPP
SUPPLY BLOCK ERASE, PROGRAM, LOCK-BIT CONFIGURATION POWER SUPPLY:
For erasing array blocks, programming data, or configuring lock-bits.
Smart 5 Flash
→ 5V and 12V VPP
With VPP
≤ VPPLK, memory contents cannot be altered. Block erase, program, and
lock-bit configuration with an invalid VPP (see DC Characteristics) produce spurious
results and should not be attempted.
VCC
SUPPLY DEVICE POWER SUPPLY: Internal detection automatically configures the device
for optimized read performance. Do not float any power pins.
Smart 5 Flash
→ 5V VCC
With VCC
≤ VLKO, all write attempts to the flash memory are inhibited. Device
operations at invalid VCC voltages (see DC Characteristics) produce spurious
results and should not be attempted.
GND
SUPPLY GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.


Similar Part No. - TB28F016S5-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TB28F016SC-110 INTEL-TB28F016SC-110 Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results

Similar Description - TB28F016S5-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com