Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA28F016SV-075 Datasheet(PDF) 1 Page - Intel Corporation

Part # DA28F016SV-075
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-075 Datasheet(HTML) 1 Page - Intel Corporation

  DA28F016SV-075 Datasheet HTML 1Page - Intel Corporation DA28F016SV-075 Datasheet HTML 2Page - Intel Corporation DA28F016SV-075 Datasheet HTML 3Page - Intel Corporation DA28F016SV-075 Datasheet HTML 4Page - Intel Corporation DA28F016SV-075 Datasheet HTML 5Page - Intel Corporation DA28F016SV-075 Datasheet HTML 6Page - Intel Corporation DA28F016SV-075 Datasheet HTML 7Page - Intel Corporation DA28F016SV-075 Datasheet HTML 8Page - Intel Corporation DA28F016SV-075 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
E
7/11/97 11:03 AM
29052807.DOC
July 1997
Order Number: 290528-007
n SmartVoltage Technology
User-Selectable 3.3V or 5V VCC
User-Selectable 5V or 12V VPP
n 65 ns Access Time
n 1 Million Erase Cycles per Block
n 30.8 MB/sec Burst Write Transfer Rate
n 0.48 MB/sec Sustainable Write Transfer
Rate
n Configurable x8 or x16 Operation
n 56-Lead TSOP and SSOP Type I
Packages
n Backwards-Compatible with 28F016SA,
28F008SA Command Set
n Revolutionary Architecture
Multiple Command Execution
Program during Erase
Command Super-Set of the Intel
28F008SA
Page Buffer Program
n 2 µA Typical Deep Power-Down
n 32 Independently Lockable Blocks
n State-of-the-Art 0.6 µm ETOX™ IV Flash
Technology
Intel’s 28F016SV 16-Mbit FlashFile™ memory is a revolutionary architecture which is the ideal choice for
designing embedded direct-execute code and mass storage data/file flash memory systems. With innovative
capabilities, low-power operation, user-selectable VPP voltage and high read/program performance, the
28F016SV enables the design of truly mobile, high-performance personal computing and communications
products.
The 28F016SV is the highest density, highest performance nonvolatile read/program solution for solid-state
storage applications. Its symmetrically-blocked architecture (100% compatible with the 28F008SA 8-Mbit and
28F016SA 16-Mbit FlashFile memories), extended cycling, flexible VCC and VPP voltage (SmartVoltage
technology), fast program and read performance and selective block locking, provide a highly-flexible memory
component suitable for Resident Flash Arrays, high-density memory cards and PCMCIA-ATA flash drives.
The 28F016SV’s dual read voltage enables the design of memory cards which can be read/written in 3.3V
and 5V systems interchangeably. Its x8/x16 architecture allows optimization of the memory-to-processor
interface. The flexible block locking option enables bundling of executable application software in a Resident
Flash Array or memory card. The 28F016SV is manufactured on Intel’s 0.6 µm ETOX IV process technology.
28F016SV
16-MBIT (1 MBIT x 16, 2 MBIT x 8)
FlashFile™ MEMORY
Includes Commercial and Extended Temperature Specifications


Similar Part No. - DA28F016SV-075

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F016SA-070 INTEL-DA28F016SA-070 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-080 INTEL-DA28F016SA-080 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-100 INTEL-DA28F016SA-100 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-120 INTEL-DA28F016SA-120 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-150 INTEL-DA28F016SA-150 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results

Similar Description - DA28F016SV-075

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com