Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT573LB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT54FCT573LB
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT573LB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54FCT573LB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT573LB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7.12
3
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FUNCTION TABLE (FCT533)
(1)
FUNCTION TABLE (FCT373 and FCT573)
(1)
PIN DESCRIPTION
2602 tbl 07
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
2602 tbl 02
1. This parameter is measured at characterization but not tested.
NOTE:
2602 tbl 05
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
NOTE:
2602 tbl 06
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
NOTES:
2602 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
120
120
mA
Inputs
Outputs
DN
LE
OE
OE
ON
HH
L
H
LH
L
L
XXH
Z
Inputs
Outputs
DN
LE
OE
OE
O
ON
HH
L
L
LH
L
H
XXH
Z
Pin Names
Description
DN
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
Output Enable Input (Active LOW)
ON
3-State Outputs
ON
Complementary 3-State Outputs


Similar Part No. - IDT54FCT573LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573AT IDT-IDT54FCT573AT Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATDB IDT-IDT54FCT573ATDB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT573LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com