Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT245CLB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT245CLB
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT245CLB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT245CLB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT245CLB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7.9
2
IDT54/74FCT245/A/C, IDT54/74FCT640/A/C, IDT54/74FCT645/A/C
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/
R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-State Outputs
B0–B7
Side B Inputs or 3-State Outputs
2534 tbl 05
FUNCTION TABLE
(2)
Inputs
OE
OE
T/
RR
Outputs
L
L
Bus B Data to Bus A
(1)
L
H
Bus A Data to Bus B
(1)
H
X
High Z State
NOTES:
2534 tbl 06
1. 640 is inverting from input to output.
2. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
VTERM
(3) Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
NOTES:
2534 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Inputs and VCC terminals.
3. Outputs and I/O terminals.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Typ. Max. Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
CI/O
I/O Capacitance
VOUT = 0V
8
12
pF
NOTE:
2534 tbl 02
1. This parameter is measured at characterization but not tested.


Similar Part No. - IDT54FCT245CLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT245CLB IDT-IDT54FCT245CLB Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT245CLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com