Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F016XS20 Datasheet(PDF) 3 Page - Intel Corporation

Part # E28F016XS20
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F016XS20 Datasheet(HTML) 3 Page - Intel Corporation

  E28F016XS20 Datasheet HTML 1Page - Intel Corporation E28F016XS20 Datasheet HTML 2Page - Intel Corporation E28F016XS20 Datasheet HTML 3Page - Intel Corporation E28F016XS20 Datasheet HTML 4Page - Intel Corporation E28F016XS20 Datasheet HTML 5Page - Intel Corporation E28F016XS20 Datasheet HTML 6Page - Intel Corporation E28F016XS20 Datasheet HTML 7Page - Intel Corporation E28F016XS20 Datasheet HTML 8Page - Intel Corporation E28F016XS20 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
E
28F016XS FLASH MEMORY
3
CONTENTS
PAGE
PAGE
1.0 INTRODUCTION ............................................ 7
1.1 Product Overview ........................................ 7
2.0 DEVICE PINOUT........................................... 10
2.1 Lead Descriptions ...................................... 12
3.0 MEMORY MAPS ........................................... 14
3.1 Extended Status Register Memory Map..... 15
4.0 BUS OPERATIONS, COMMANDS AND
STATUS REGISTER DEFINITIONS............. 16
4.1 Bus Operations for Word-Wide Mode
(BYTE# = VIH)........................................... 16
4.2 Bus Operations for Byte-Wide Mode
(BYTE# = VIL) ........................................... 17
4.3 28F008SA—Compatible Mode Command
Bus Definitions.......................................... 18
4.4 28F016XS—Enhanced Command Bus
Definitions ................................................. 19
4.5 Compatible Status Register ....................... 20
4.6 Global Status Register ............................... 21
4.7 Block Status Register ................................ 22
4.8 Device Configuration Code ........................ 23
4.9 SFI Configuration Table ............................. 23
5.0 ELECTRICAL SPECIFICATIONS ................. 24
5.1 Absolute Maximum Ratings ....................... 24
5.2 Capacitance............................................... 24
5.3 Transient Input/Output Reference
Waveforms............................................... 26
5.4 DC Characteristics (VCC = 3.3V) ................ 27
5.5 DC Characteristics (VCC = 5.0V) ................ 30
5.6 Timing Nomenclature ................................. 33
5.7 AC Characteristics—Read Only
Operations ................................................ 34
5.8 AC Characteristics for WE#—Controlled
Write Operations ....................................... 40
5.9 AC Characteristics for CEX#—Controlled
Write Operations ....................................... 44
5.10 Power-Up and Reset Timings .................. 48
5.11 Erase and Program Performance............. 49
6.0 MECHANICAL SPECIFICATIONS ................ 51
APPENDIX A: Device Nomenclature and
Ordering Information .................................. 53
APPENDIX B: Additional Information............... 54


Similar Part No. - E28F016XS20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F016XD-85 INTEL-E28F016XD-85 Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
More results

Similar Description - E28F016XS20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com