Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F016SC-95 Datasheet(PDF) 8 Page - Intel Corporation

Part # E28F016SC-95
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F016SC-95 Datasheet(HTML) 8 Page - Intel Corporation

Back Button E28F016SC-95 Datasheet HTML 4Page - Intel Corporation E28F016SC-95 Datasheet HTML 5Page - Intel Corporation E28F016SC-95 Datasheet HTML 6Page - Intel Corporation E28F016SC-95 Datasheet HTML 7Page - Intel Corporation E28F016SC-95 Datasheet HTML 8Page - Intel Corporation E28F016SC-95 Datasheet HTML 9Page - Intel Corporation E28F016SC-95 Datasheet HTML 10Page - Intel Corporation E28F016SC-95 Datasheet HTML 11Page - Intel Corporation E28F016SC-95 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
8
PRELIMINARY
Table 3. Pin Descriptions (Continued)
Sym
Type
Name and Function
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data
are latched on the rising edge of the WE# pulse.
RY/BY#
OUTPUT READY/BUSY#: Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase, program, or lock-bit configuration).
RY/BY#-high indicates that the WSM is ready for new commands, block erase or
program is suspended, or the device is in deep power-down mode. RY/BY# is
always active.
VPP
SUPPLY BLOCK ERASE, PROGRAM, LOCK-BIT CONFIGURATION POWER SUPPLY:
For erasing array blocks, programming data, or configuring lock-bits.
SmartVoltage Flash
→ 3.3 V, 5 V, and 12 V VPP
With VPP
≤ VPPLK, memory contents cannot be altered. Block erase, program, and
lock-bit configuration with an invalid VPP (see DC Characteristics) produce spurious
results and should not be attempted.
VCC
SUPPLY DEVICE POWER SUPPLY: Internal detection automatically configures the device
for optimized read performance. Do not float any power pins.
SmartVoltage Flash
→ 2.7 V (Read-Only), 3.3 V, and 5 V VCC
With VCC
≤ VLKO, all write attempts to the flash memory are inhibited. Device
operations at invalid VCC voltages (see DC Characteristics) produce spurious
results and should not be attempted. Block erase, program, and lock-bit
configuration operations with VCC < 3.0 V are not supported.
GND
SUPPLY GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.


Similar Part No. - E28F016SC-95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F016S5-120 INTEL-E28F016S5-120 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F016S5-95 INTEL-E28F016S5-95 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F016SA-070 INTEL-E28F016SA-070 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
E28F016SA-080 INTEL-E28F016SA-080 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
E28F016SA-100 INTEL-E28F016SA-100 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results

Similar Description - E28F016SC-95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com