Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECH06A20-F_2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # ECH06A20-F_2015
Description  SBD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

ECH06A20-F_2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  ECH06A20-F_2015 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
■定格・特性曲線
332
200
ECH06A20-F
SURGE CURRENT RATINGS
ECH06A20
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
10
20
30
40
50
60
70
0.02s
IFSM
サ ー ジ 順 電 流 定 格
時 間 (s)
(A)
FIG.7
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
ECH06A20 (per Arm)
Tj=25
°C,Vm=20mVRMS,f=100kHz,Typical Value
0.5
1
2
5
10
20
50
100
200
500
REVERSE VOLTAGE (V)
10
20
50
100
200
接 合 容 量 特 性
逆 電 圧 (V)
(pF)
FIG.8
ECH06A20 (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.2
0.5
1
2
5
10
20
Tj=25 C
Tj=150 C
FORWARD CURRENT VS. VOLTAGE
FORWARD CURRENT VS. VOLTAGE
ECH06A20 (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
INSTANTANEOUS FORWARD VOLTAGE (V)
0.2
0.5
1
2
5
10
20
Tj=25
°C
Tj=150
°C
順 電 圧 特 性
瞬 時 順 電 圧 (V)
(A)
FIG.1
AVERAGE REVERSE POWER DISSIPATION
ECH06A20 (Total)
0
40
80
120
160
200
REVERSE VOLTAGE (V)
0
0.4
0.8
1.2
1.6
2.0
2.4
RECT 180
SINE WAVE
AVERAGE REVERSE POWER DISSIPATION
ECH06A20 (Total)
0
40
80
120
160
200
REVERSE VOLTAGE (V)
0
0.4
0.8
1.2
1.6
2.0
2.4
RECT 180
°
SINE WAVE
平 均 逆 電 力 損 失
逆 電 圧 (V)
(W)
FIG.4
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
ECH06A20 (Total)
VRM=200V
0
25
50
75
100
125
150
CASE TEMPERATURE (
°C)
0
1
2
3
4
5
6
7
SINE WAVE
RECT 180
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
ECH06A20 (Total)
VRM=200V
0
25
50
75
100
125
150
CASE TEMPERATURE (
°C)
0
1
2
3
4
5
6
7
SINE WAVE
RECT 180
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
平 均 順 電 流 − ケ ー ス 温 度 定 格
ケ ー ス 温 度 (℃)
(A)
FIG.5
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
ECH06A20 (Total)
P.C. Board mounted(Print land=20×20mm),VRM=200V
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
0
0.4
0.8
1.2
1.6
2.0
SINE WAVE.
RECT 180 .
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
ECH06A20 (Total)
P.C. Board mounted(Print land=20×20mm),VRM=200V
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
0
0.4
0.8
1.2
1.6
2.0
SINE WAVE
RECT 180
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
平 均 順 電 流 − 周 囲 温 度 定 格
周 囲 温 度 (℃)
(A)
FIG.6
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
ECH06A20 (Total)
SINE WAVE
RECT 180
AVERAGE FORWARD POWER DISSIPATION
AVERAGE FORWARD POWER DISSIPATION
0
1
2
3
4
5
6
7
AVERAGE FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT (A)
0
1
2
3
4
5
6
ECH06A20 (Total)
SINE WAVE
RECT 180
°
平 均 順 電 力 損 失 特 性
平 均 順 電 流 (A)
(W)
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.2
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ECH06A20 (per Arm)
Tj= 150
°C
0
40
80
120
160
200
PEAK REVERSE VOLTAGE (V)
2
5
10
20
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ECH06A20 (per Arm)
Tj= 150
°C
0
40
80
120
160
200
PEAK REVERSE VOLTAGE (V)
2
5
10
20
ピーク逆電流 − ピーク逆電圧特性
ピ ー ク 逆 電 圧 (V)
(mA)
FIG.3
■APPROX. NET WEIGHT:0.3g
Item
Symbol
Conditions
く り 返 し ピ ー ク 逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
200
Average Rectified Forward Current
IO
6.0
1.0
R.M.S. Forward Current
IF(RMS)
6.66
動 作 接 合 温 度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
Storage Temperature Range
Tstg
−40∼+150
Surge Forward Current
IFSM
60 50Hz正弦全波,1サイクル,非くり返し 
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
A
Item
Conditions
Peak Reverse Current
Tj=25℃, VRM=VRRM, 一素子あたり 
Per Diode
Thermal Resistance
接 合 部 ・ ケ ー ス 間
Junction to Case
Min.
Typ.
Max.
200
5
Symbol
IRM
Rth(j-c)
Peak Forward Voltage
VFM
Tj=25℃, IFM=3A, 一素子あたり 
Per Diode
0.90
Unit
μA
V
℃/W
Rth(j-a)
接 合 部 ・ 周 囲 間
Junction to Ambient
基板実装時
with P.C.Board mounted
80
℃/W
*Print Land=20×20mm
■電気的・熱的特性 Electrical/Thermal Characteristics
■最大定格 Maximum Ratings
同上 基盤実装時
P.C.Board mounted
Tc=116℃
Ta=30℃


Similar Part No. - ECH06A20-F_2015

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
ECH06A20-F NIEC-ECH06A20-F Datasheet
75Kb / 6P
   Schottky Barrier Diode
logo
Kyocera Kinseki Corpota...
ECH06A20-F KSS-ECH06A20-F Datasheet
717Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - ECH06A20-F_2015

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com