Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F010-120 Datasheet(PDF) 11 Page - Intel Corporation

Part # TE28F010-120
Description  28F010 1024K (128K X 8) CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F010-120 Datasheet(HTML) 11 Page - Intel Corporation

Back Button TE28F010-120 Datasheet HTML 7Page - Intel Corporation TE28F010-120 Datasheet HTML 8Page - Intel Corporation TE28F010-120 Datasheet HTML 9Page - Intel Corporation TE28F010-120 Datasheet HTML 10Page - Intel Corporation TE28F010-120 Datasheet HTML 11Page - Intel Corporation TE28F010-120 Datasheet HTML 12Page - Intel Corporation TE28F010-120 Datasheet HTML 13Page - Intel Corporation TE28F010-120 Datasheet HTML 14Page - Intel Corporation TE28F010-120 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
E
28F010
11
Table 3. Command Definitions
First Bus Cycle
Second Bus Cycle
Command
Bus
Cycles
Req’d
Operation(1) Address(2)
Data(3)
Operation(1)
Address(2)
Data(3)
Read Memory
1
Write
X
00H
Read Intelligent
Identifier Codes(4)
3
Write
IA
90H
Read
IA
ID
Set-Up
Erase/Erase(5)
2
Write
X
20H
Write
X
20H
Erase Verify(5)
2
Write
EA
A0H
Read
X
EVD
Set-Up Program/
Program(6)
2
Write
X
40H
Write
PA
PD
Program Verify(6)
2
Write
X
C0H
Read
X
PVD
Reset(7)
2
Write
X
FFH
Write
X
FFH
NOTES:
1.
Bus operations are defined in Table 2.
2.
IA = Identifier address: 00H for manufacturer code, 01H for device code.
EA = Erase Address: Address of memory location to be read during erase verify.
PA = Program Address: Address of memory location to be programmed.
Addresses are latched on the falling edge of the WE# pulse.
3.
ID = Identifier Data: Data read from location IA during device identification (Mfr = 89H, Device = B4H).
EVD = Erase Verify Data: Data read from location EA during erase verify.
PD = Program Data: Data to be programmed at location PA. Data is latched on the rising edge of WE#.
PVD = Program Verify Data: Data read from location PA during program verify. PA is latched on the Program command.
4.
Following the Read Intelligent ID command, two read operations access manufacturer and device codes.
5.
Figure 5 illustrates the
28F010 Quick-Erase Algorithm flowchart.
6.
Figure 4 illustrates the
28F010 Quick-Pulse Programming Algorithm flowchart.
7.
The second bus cycle must be followed by the desired command register write.
2.2.2.1
Read Command
While VPP is high, for erasure and programming,
memory contents can be accessed via the Read
command. The read operation is initiated by writing
00H into the command register. Microprocessor
read cycles retrieve array data. The device remains
enabled for reads until the command register
contents are altered.
The default contents of the register upon VPP
power-up is 00H. This default value ensures that no
spurious alteration of memory contents occurs
during the VPP power transition. Where the VPP
supply is hardwired to the 28F010, the device
powers-up and remains enabled for reads until the
command register contents are changed. Refer to
the
AC Characteristics—Read-Only Operations and
waveforms for specific timing parameters.
2.2.2.2
Intelligent Identifier Command
Flash memories are intended for use in applications
where the local CPU alters memory contents. As
such, manufacturer and device codes must be
accessible while the device resides in the target
system.
PROM
programmers
typically
access
signature codes by raising A9 to a high voltage.
However, multiplexing high voltage onto address
lines is not a desired system design practice.
The
28F010
contains
an
intelligent
identifier
operation
to
supplement
traditional
PROM-
programming
methodology.
The
operation
is
initiated by writing 90H into the command register.
Following the command Write, a read cycle from
address 0000H retrieves the manufacturer code of
89H. A read cycle from address 0001H returns the
device code of B4H. To terminate the operation, it


Similar Part No. - TE28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F016 INTEL-TE28F016 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F016B3B110 INTEL-TE28F016B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F016B3B120 INTEL-TE28F016B3B120 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
TE28F016B3B150 INTEL-TE28F016B3B150 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
TE28F016B3B90 INTEL-TE28F016B3B90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com