Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFS9V Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  VFS9V Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Product Guide/Effective Frequency Range
Type
Disc Type EMIFIL
r
Ferrite Bead Inductor
EMIGUARD
r
(EMI Filters with varistor functions)
Common Mode Choke Coils
VFR3V
VFS6V/9V
PLT09H
VFC2H
Series
10kHz 100kHz 1MHz 10MHz100MHz 1GHz 10GHz
Effective Frequency Range
BL01/02/03
DSN6/9(H)
DSS1
DSS6
DST9(H)


Similar Part No. - VFS9V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
VFS9VD31B223 MURATA-VFS9VD31B223 Datasheet
26Kb / 1P
   Large-Current VFS9V Series
VFS9VD31B223Q55 MURATA-VFS9VD31B223Q55 Datasheet
199Kb / 3P
   Maximum Working Voltage
logo
Murata Manufacturing Co...
VFS9VD31B223Q55 MURATA1-VFS9VD31B223Q55 Datasheet
286Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
logo
Murata Manufacturing Co...
VFS9VD31B223Q55B MURATA-VFS9VD31B223Q55B Datasheet
199Kb / 7P
   This reference specification applies to Disc-Type EMIFIL짰 (Three-terminal Varistor-Capacitor)
logo
Murata Manufacturing Co...
VFS9VD31B223Q55B MURATA1-VFS9VD31B223Q55B Datasheet
286Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results

Similar Description - VFS9V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com