Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFR3V Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # VFR3V
Description  EMI Suppression Filters (Lead Type EMIFIL)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFR3V Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button VFR3V Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. VFR3V Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Ferrite Beads Inductors BL01/02/03 Series
c Features
BL01/02/03 series are ferrite beads with lead wires to
produce a high frequency loss for suppression of
noise. Simple construction and easy-to-use, effective
for low impedance circuits such as power supplies and
grounds. Effective also for preventing overshoot and
undershoot of digital signal in clocks or the like,
and suppressing the higher harmonic wave. Suitable for
prevention of abnormal oscillation at high frequency
amplifying circuit.
20 min.
5.0±0.3
20 min.
45 min.
ø0.65
(in mm)
Coating extending on leads : 1.5 max.
∗∗
BL01RN1A1D2B
ø0.65
10±1.0
5.0±0.3
(in mm)
Coating extending on leads : 1.5 max.
∗∗
BL01RN1A2A2B
(in mm)
7.5 max.
ø3.4±0.2
5.0±0.8
ø0.65
There is excess bond stick on the wire.
BL02RN1R2M2B
5.0±0.8
There is excess bond stick on the wire.
8.0 max.
ø3.4±0.2
ø0.65
(in mm)
BL02RN1R3J2B
(in mm)
9.0 max.
ø3.4±0.2
5.0±0.8
ø0.65
BL02RN2R1M2B
ø0.65
(in mm)
5.0±0.8
9.0 max.
ø3.4±0.2
BL02RN2R3J2B
(in mm)
8.3 max.
ø2.3 max.
5.0±0.8
ø0.60
BL03RN2R1M1B
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - VFR3V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
VFR3V MURATA-VFR3V Datasheet
30Kb / 1P
   EMIGUARDr(EMIFILr with Varistor Function)
VFR3VD31E131T51 MURATA-VFR3VD31E131T51 Datasheet
180Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
VFR3VD31E131T51 MURATA1-VFR3VD31E131T51 Datasheet
228Kb / 3P
   VFR3V series is designed for ESD surge protection of IC. It efficiently absorbs ESD surges rushed into ICs I/O terminal.
08/24/2022
logo
Murata Manufacturing Co...
VFR3VD31E131T51B MURATA-VFR3VD31E131T51B Datasheet
164Kb / 7P
   This reference specification applies to EMIGUARD 짰 applicable to automatic insertion,which is used electronic equipment
logo
Murata Manufacturing Co...
VFR3VD31E131T51B MURATA1-VFR3VD31E131T51B Datasheet
228Kb / 3P
   VFR3V series is designed for ESD surge protection of IC. It efficiently absorbs ESD surges rushed into ICs I/O terminal.
08/24/2022
More results

Similar Description - VFR3V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com