Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162501CTPFB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74FCT162501CTPFB
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162501CTPFB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT74FCT162501CTPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162501CTPFB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
5.10
8
IDT54/74FCT16501AT/CT/ET, 162501AT/CT/ET, 162H501AT/CT/ET
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
2547 lnk 11
2547 drw 04
2547 drw 06
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2547 drw 08
2547 drw 07
2547 drw 05


Similar Part No. - IDT74FCT162501CTPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results

Similar Description - IDT74FCT162501CTPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com