Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7140SA35TFB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7140SA35TFB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140SA35TFB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7140SA35TFB Datasheet HTML 6Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 7Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 8Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 9Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 10Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 11Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 12Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 13Page - Integrated Device Technology IDT7140SA35TFB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
10
TIMING WAVEFORM OF WRITE WITH
BUSY
BUSY
BUSY
BUSY
BUSY(3)
BUSY'B'
2689 drw 13
R/
W'A'
tWP
tWH
tWB
R/
W'B'
(2)
(1)
NOTES:
1. tWH must be met for both BUSY Input (IDT7140, slave) or Output (IDT7130 master).
2. BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes High.
3. All timing is the same for the left and right ports. Port 'A' may be either the left or right
port. Port "B" is opposite from port "A".
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY
CE
CE
CE
CE
CE TIMING (1)
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY ADDRESS MATCH TIMING (1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. If tAPS is not satisified, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be
asserted (7130 only).
tAPS
ADDR
'A'
AND 'B'
ADDRESSES MATCH
tBAC
tBDC
CE'B'
CE'A'
BUSY'A'
2689 drw 14
(2)
BUSY'B'
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR'A'
ADDR'B'
2689 drw 15
(2)
tBAA
tBDA
tRC OR tWC


Similar Part No. - IDT7140SA35TFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140SA35TFG IDT-IDT7140SA35TFG Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7140SA35TFGB IDT-IDT7140SA35TFGB Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7140SA35TFGI IDT-IDT7140SA35TFGI Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7140SA35TFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com