Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F008SC-120 Datasheet(PDF) 11 Page - Intel Corporation

Part # E28F008SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F008SC-120 Datasheet(HTML) 11 Page - Intel Corporation

Back Button E28F008SC-120 Datasheet HTML 7Page - Intel Corporation E28F008SC-120 Datasheet HTML 8Page - Intel Corporation E28F008SC-120 Datasheet HTML 9Page - Intel Corporation E28F008SC-120 Datasheet HTML 10Page - Intel Corporation E28F008SC-120 Datasheet HTML 11Page - Intel Corporation E28F008SC-120 Datasheet HTML 12Page - Intel Corporation E28F008SC-120 Datasheet HTML 13Page - Intel Corporation E28F008SC-120 Datasheet HTML 14Page - Intel Corporation E28F008SC-120 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
11
PRELIMINARY
A
9
A
7
RP#
V
PP
V
CC
A
12
A
17
A
18
A
16
A
14
CE#
A
13
A
11
A
10
A
6
A
4
RY/BY#
A
3
NC
A
8
A
19
A
5
A
20
A
2
A
0
D
4
D
3
GND
D
1
D
6
WE#
OE#
D
7
D
2
V
CC
GND
D
5
D
0
A
1
A
15
876
54
321
A
B
C
D
E
A
B
C
D
E
A
15
A
17
A
12
V
CC
V
PP
RP#
A
7
A
6
A
10
A
11
CE#
A
13
A
14
A
16
A
18
NC
RY/BY#
A
19
NC
A
8
A
3
A
5
A
4
A
2
A
0
D
1
D
3
GND
D
4
D
6
WE#
OE#
D
7
D
5
V
CC
GND
D
2
D
0
A
1
A
9
1
234
567
8
Pin #1
Indicator
Top View - Bump Side Down
Bottom View - Bump Side Up
This is the view of the package as surface mounted on the board.
Note that the signals are mirror images of bottom view.
NOTES:
1.
Figures are not drawn to scale.
2.
Address A20 is not included in the 28F008SC.
3.
More information on µBGA* packages is available by contacting your Intel/Distribution sales office.
Figure 4. µBGA* CSP 40-Ball Pinout (28F008SC and 28F016SC)


Similar Part No. - E28F008SC-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F008S3-120 INTEL-E28F008S3-120 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F008S3-150 INTEL-E28F008S3-150 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F008S5-120 INTEL-E28F008S5-120 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F008S5-85 INTEL-E28F008S5-85 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
E28F008SA-120 INTEL-E28F008SA-120 Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
More results

Similar Description - E28F008SC-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com