Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F016SV Datasheet(PDF) 7 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 7 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 3Page - Intel Corporation 28F016SV Datasheet HTML 4Page - Intel Corporation 28F016SV Datasheet HTML 5Page - Intel Corporation 28F016SV Datasheet HTML 6Page - Intel Corporation 28F016SV Datasheet HTML 7Page - Intel Corporation 28F016SV Datasheet HTML 8Page - Intel Corporation 28F016SV Datasheet HTML 9Page - Intel Corporation 28F016SV Datasheet HTML 10Page - Intel Corporation 28F016SV Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
7
1.0 INTRODUCTION
The documentation of the Intel 28F016SV memory
device includes this datasheet, a detailed user’s
manual, and a number of application notes and
design tools, all of which are referenced in
Appendix B.
The datasheet is intended to give an overview of
the chip feature-set and of the operating AC/DC
specifications. The
16-Mbit Flash Product Family
User’s Manual provides complete descriptions of
the user modes, system interface examples and
detailed descriptions of all principles of operation.
It also contains the full list of software algorithm
flowcharts, and a brief section on compatibility
with the Intel 28F008SA.
A significant 28F016SV change occurred between
datasheet revisions 290528-003 and 290528-004.
This change centers around the addition of a 3/5#
pin to the device’s pinout configuration. Figures 2
and 3 show the 3/5# pin assignment for TSOP and
SSOP Type 1 packages. Intel recommends that all
customers obtain the latest revisions of 28F016SV
documentation.
1.1 Enhanced Features
The 28F016SV is backwards compatible with the
28F016SA and offers the following enhancements:
• SmartVoltage Technology
 Selectable 5V or 12V V
PP
• V
PP Level Bit in Block Status Register
• Additional RY/BY# Configuration
 Pulse-On-Program/Erase
• Additional Upload Device Information
Command Feedback
 Device Proliferation Code
 Device Configuration Code
1.2 Product Overview
The 28F016SV is a high-performance, 16-Mbit
(16,777,216-bit)
block
erasable,
nonvolatile
random access memory, organized as either
1 Mword x 16 or 2 Mbyte x 8. The 28F016SV
includes thirty-two 64-KB (65,536 byte) blocks or
thirty-two 32-KW (32,768 word) blocks. A chip
memory map is shown in Figure 4.
The implementation of a new architecture, with
many enhanced features, will improve the device
operating characteristics and result in greater
product reliability and ease-of-use.
The
28F016SV
incorporates
SmartVoltage
technology, providing VCC operation at both 3.3V
and 5V and program and erase capability at VPP =
12V or 5V. Operating at VCC = 3.3V, the
28F016SV consumes approximately one half the
power consumption at 5V VCC, while 5V VCC
provides the highest read performance capability.
VPP = 5V operation eliminates the need for a
separate
12V
converter,
while
VPP = 12V
maximizes
program/erase
performance.
In
addition
to
the
flexible
program
and
erase
voltages, the dedicated VPP gives complete code
protection with VPP ≤ VPPLK.
A 3/5# input pin configures the device’s internal
circuitry for optimal 3.3V or 5V read/program
operation.
A Command User Interface (CUI) serves as the
system interface between the microprocessor or
microcontroller and the internal memory operation.
Internal Algorithm Automation allows byte/word
programs and block erase operations to be
executed
using
a
Two-Program
command
sequence to the CUI in the same way as the
28F008SA 8-Mbit FlashFile™ memory.
A super-set of commands has been added to the
basic 28F008SA command-set to achieve higher
program
performance
and
provide
additional
capabilities. These new commands and features
include:
• Page Buffer Programs to Flash
• Command Queuing Capability
• Automatic Data Programs during Erase
• Software Locking of Memory Blocks
• Two-Byte Successive Programs in 8-bit
Systems
• Erase All Unlocked Blocks
Writing of memory data is performed in either byte
or
word
increments
typically
within
6
µs
(12V
VPP)—a
33%
improvement
over
the
28F008SA. A block erase operation erases one of
the 32 blocks in typically 0.6 sec (12V VPP),
independent of the other blocks, which is about a
65% improvement over the 28F008SA.


Similar Part No. - 28F016SV

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results

Similar Description - 28F016SV

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com