Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F001BX-T150 Datasheet(PDF) 10 Page - Intel Corporation

Part # TE28F001BX-T150
Description  1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F001BX-T150 Datasheet(HTML) 10 Page - Intel Corporation

Back Button TE28F001BX-T150 Datasheet HTML 6Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 7Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 8Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 9Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 10Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 11Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 12Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 13Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
28F001BX-T28F001BX-B
Table 4 28F001BX Status Register Definitions
WSMS
ESS
ES
PS
VPPS
R
R
R
7
6543210
SR7 e WRITE STATE MACHINE STATUS
1 e Ready
0 e Busy
SR6 e ERASE SUSPEND STATUS
1 e Erase Suspended
0 e Erase In ProgressCompleted
SR5 e ERASE STATUS
1 e Error in Block Erasure
0 e Successful Block Erase
SR4 e PROGRAM STATUS
1 e Error in Byte Program
0 e Successful Byte Program
SR3 e VPP STATUS
1 e VPP Low Detect Operation Abort
0 e VPP OK
SR2 – SR0 e RESERVED FOR FUTURE ENHANCE-
MENTS
These bits are reserved for future use and should be
masked out when polling the Status Register
NOTES
The Write State Machine Status Bit must first be checked
to determine program or erase completion before the
Program or Erase Status bits are checked for success
If the Program AND Erase Status bits are set to ‘‘1s’’ dur-
ing an erase attempt an improper command sequence
was entered Attempt the operation again
If VPP low status is detected the Status Register must be
cleared before another program or erase operation is at-
tempted
The VPP Status bit unlike an AD converter does not
provide continuous indication of VPP level The WSM in-
terrogates the VPP level only after the program or erase
command sequences have been entered and informs the
system if VPP has not been switched on The VPP Status
bit is not guaranteed to report accurate feedback be-
tween VPPL and VPPH
Erase SetupErase Confirm
Commands
Erase is executed one block at a time initiated by a
two-cycle command sequence
An Erase Setup
command (20H) is first written to the Command
Register followed by the Erase Confirm command
(D0H) These commands require both appropriate
command data and an address within the block to
be erased Block preconditioning erase and verify
are all handled internally by the Write State Machine
invisible to the system After receiving the two-com-
mand erase sequence the 28F001BX automatically
outputs Status Register data when read (see Figure
10 Block Erase Flowchart) The CPU can detect the
completion of the erase event by checking the WSM
Status bit of the Status Register (SR7)
When the Status Register indicates that erase is
complete the Erase Status bit should be checked If
erase error is detected the Status Register should
be cleared The Command Register remains in Read
Status Register Mode until further commands are is-
sued to it
This two-step sequence of set-up followed by execu-
tion ensures that memory contents are not acciden-
tally erased Also block erasure can only occur
when VPP e VPPH In the absence of this high volt-
age memory contents are protected against era-
sure If block erase is attempted while VPP e VPPL
the VPP Status bit will be set to ‘‘1’’ Erase attempts
while VPPL k VPP k VPPH produce spurious results
and should not be attempted
Erase SuspendErase Resume
Commands
The Erase Suspend Command allows erase se-
quence interruption in order to read data from anoth-
er block of memory Once the erase sequence is
started writing the Erase Suspend command (B0H)
to the Command Register requests that the WSM
suspend the erase sequence at a predetermined
point in the erase algorithm The 28F001BX contin-
ues to output Status Register data when read after
the Erase Suspend command is written to it Polling
the WSM Status and Erase Suspend Status bits will
determine when the erase operation has been sus-
pended (both will be set to ‘‘1s’’)
At this point a Read Array command can be written
to the Command Register to read data from blocks
other than that which is suspended
The only oth-
er valid commands at this time are Read Status Reg-
ister (70H) and Erase Resume (D0H) at which time
the WSM will continue with the erase sequence The
Erase Suspend Status and WSM Status bits of the
Status Register will be cleared After the Erase Re-
sume command is written to it the 28F001BX auto-
matically outputs Status Register data when read
(see Figure 11 Erase SuspendResume Flowchart)
10


Similar Part No. - TE28F001BX-T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F002BVB80 INTEL-TE28F002BVB80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BVT80 INTEL-TE28F002BVT80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BX-B80 INTEL-TE28F002BX-B80 Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BX-T80 INTEL-TE28F002BX-T80 Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
TE28F004 INTEL-TE28F004 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - TE28F001BX-T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com