Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32674D1405000 Datasheet(PDF) 8 Page - TDK Electronics

Part # B32674D1405000
Description  Metallized Polypropylene Film Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32674D1405000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B32674D1405000 Datasheet HTML 4Page - TDK Electronics B32674D1405000 Datasheet HTML 5Page - TDK Electronics B32674D1405000 Datasheet HTML 6Page - TDK Electronics B32674D1405000 Datasheet HTML 7Page - TDK Electronics B32674D1405000 Datasheet HTML 8Page - TDK Electronics B32674D1405000 Datasheet HTML 9Page - TDK Electronics B32674D1405000 Datasheet HTML 10Page - TDK Electronics B32674D1405000 Datasheet HTML 11Page - TDK Electronics B32674D1405000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
6.2
24.0
× 15.0 × 41.5
B32676T3625+000
9.5
9.5
6.0
1040
9
24.0
× 19.0 × 41.5
B32676T3905K000
11.0
10.5
4.5
780
15
20.0
× 39.5 × 42.0 10.2 B32676G3156+000 15.0
14.0
3.2
640
20
28.0
× 37.0 × 42.0 10.2 B32676G3206+000 15.5
14.5
2.7
440
22
28.0
× 42.5 × 42.0 10.2 B32676G3226+000 16.0
15.0
2.6
440
25
28.0
× 42.5 × 42.0 10.2 B32676G3256+000 16.5
15.5
2.4
440
30
30.0
× 45.0 × 42.0 20.3 B32676G3306+000 17.0
16.0
2.3
400
35
33.0
× 48.0 × 42.0 20.3 B32676G3356+000 18.0
17.0
1.5
192
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
4.0
24.0
× 15.0 × 41.5
B32676T4405+000
8.5
8.5
7.0
1040
4.7
24.0
× 9.0 × 41.5
B32676T4475+000
9.5
9.0
7.0
780
8.2
20.0
× 39.5 × 42.0 10.2 B32676G4825+000 11.5
10.0
8.8
640
10
20.0
× 39.5 × 42.0 10.2 B32676G4106+000 12.5
11.0
7.3
640
15
28.0
× 42.5 × 42.0 10.2 B32676G4156+000 14.0
13.0
5.0
440
20
30.0
× 45.0 × 42.0 20.3 B32676G4206K000 16.0
15.0
4.0
400
25
33.0
× 48.0 × 42.0 20.3 B32676G4256K000 18.0
17.0
1.5
192
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
2.7
24.0
× 15.0 × 41.5
B32676T6275+000
8.0
8.0
8.0
1040
3.5
24.0
× 19.0 × 41.5
B32676T6355+000
9.0
9.0
7.0
780
6.8
20.0
× 39.5 × 42.0 10.2 B32676G6685+000 10.0
9.5
7.1
640
7.5
20.0
× 39.5 × 42.0 10.2 B32676G6755+000 10.0
9.5
6.7
640
8.2
28.0
× 37.0 × 42.0 10.2 B32676G6825+000 10.5
10.0
6.2
440
10
28.0
× 42.5 × 42.0 10.2 B32676G6106+000 11.0
10.5
5.7
440
12
28.0
× 42.5 × 42.0 10.2 B32676G6126+000 11.5
11.0
5.5
440
14
30.0
× 45.0 × 42.0 20.3 B32676G6146+000 12.0
11.5
3.6
400
15
33.0
× 48.0 × 42.0 20.3 B32676G6156+000 15.0
14.0
2.3
192
B32676
MKP DC link
high power series
Page 8 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D1405000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32674D1405000 TDK-B32674D1405000 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32674D1405000

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com