Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB201209U600 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FB201209U600
Description  SMD MULTILAYER FERRITE CHIP BEADS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FB201209U600 Datasheet(HTML) 1 Page - Frontier Electronics.

  FB201209U600 Datasheet HTML 1Page - Frontier Electronics. FB201209U600 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FB2012209 (0805) Series – SMD MULTILAYER FERRITE CHIP BEADS
(HIGH IMPEDANCE)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25% @100MHz
DCR Max.(
Ω)
I rms. Max. (mA)
FB201209Z100
10
0.10
800
FB201209Z300
30
0.10
800
FB201209Z600
60
0.10
900
FB201209Z800
80
0.15
600
FB201209Z121
120
0.15
600
FB201209Z221
220
0.20
700
FB201209Z301
300
0.25
700
FB201209Z601
600
0.35
500
FB201209Z102
1000
0.50
500
FB201209U100
10
0.10
800
FB201209U110
11
0.10
900
FB201209U300
30
0.10
600
FB201209U600
60
0.10
800
FB201209U800
80
0.10
800
FB201209U121
120
0.10
800
FB201209U221
220
0.20
500
FB201209U301
300
0.20
500
FB201209U601
600
0.30
500
FB201209U102
1000
0.45
500
FB201209G070
7
0.10
800
FB201209G310
31
0.10
800
FB201209G600
60
0.15
700
FB201209G800
80
0.20
500
FB201209G121
120
0.20
600
FB201209G221
220
0.20
500
FB201209G301
300
0.25
500
FB201209G601
600
0.45
300
FB201209G102
1000
0.45
300
FB201209G152
1500
0.45
400
FB201209G202
2000
0.60
300
FB201209G222
2200
0.60
300
FB201209G252
2500
0.60
300
FB201209G272
2700
0.65
300
FB201209B070
7
0.15
600
FB201209B300
30
0.15
600
FB201209B600
60
0.20
300
FB201209B121
120
0.25
300
FB201209B221
220
0.35
300
FB201209B301
300
0.40
300
FB201209B601
600
0.50
300
FB201209B102
1000
0.60
300
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
FB201209
2.0
( 0.079)
1.2
( 0.047)
0.9
(0.035)
0.5
( 0.020)
3.20
(0.126)
1.50
(0.059)
0.60
(0.024)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
C. Part Number Key:
FB
20
09
12
Y
XXX
IMPEDANCE VALUE
MATERIAL CODE: L, U, Z, B or G
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: FB
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FB201209U600

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB201209U600 FENGJUI-FB201209U600 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FB201209U600

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com