Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB322513 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FB322513
Description  SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FB322513 Datasheet(HTML) 1 Page - Frontier Electronics.

  FB322513 Datasheet HTML 1Page - Frontier Electronics. FB322513 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FB3225 Series, FB4516 Series, FB4532 Series
SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25% @100MHz
DCR Max.(
Ω)
I rms. Max.(mA)
FB322513U310
31
0.20
400
FB322513U330
33
0.20
400
FB322513U520
52
0.20
400
FB322513U600
60
0.20
800
FB451616U600
60
0.10
800
FB451616U800
80
0.10
600
FB451616U121
120
0.20
500
FB451616U181
180
0.25
500
FB451616Z800
80
0.10
600
FB451616Z121
120
0.10
600
FB451616Z151
150
0.20
500
FB451616Z171
170
0.25
500
FB453215U700
70
0.10
600
FB453215U800
80
0.10
600
FB453215U121
120
0.15
500
FB453215U131
130
0.15
500
B. Dimensions: mm (In)
Series
a
b
c
d
e
f
g
FB322513
3.2
(0.126)
2.5
(0.098)
1.3
(0.051)
0.5
(0.020)
4.40
(0.173)
2.70
(0.106)
1.20
(0.047)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
FB451616
4.5
(0.177)
1.6
(0.063)
1.6
(0.063)
0.5
(0.020)
5.80
(0.228)
1.80
(0.071)
2.00
(0.079)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
FB453215
4.5
(0.177)
3.2
(0.126)
1.5
(0.059)
0.5
(0.020)
5.80
(0.228)
3.40
(0.134)
2.00
(0.079)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
C. Part Number Key:
FB
AA
CC
BB
Y
XXX
IMPEDANCE VALUE
MATERIAL CODE: L, U, Z, B or G
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: FB
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FB322513

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB322513U310 FENGJUI-FB322513U310 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
FB322513U520 FENGJUI-FB322513U520 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
FB322513U600 FENGJUI-FB322513U600 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FB322513

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MU3261-300Y BOURNS-MU3261-300Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MG2029 BOURNS-MG2029_12 Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
logo
List of Unclassifed Man...
HZ0805C202R ETC2-HZ0805C202R Datasheet
338Kb / 6P
   High Impedance Ferrite Chip Beads
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com