Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7203L50D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7203L50D
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7203L50D Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7203L50D Datasheet HTML 1Page - Integrated Device Technology IDT7203L50D Datasheet HTML 2Page - Integrated Device Technology IDT7203L50D Datasheet HTML 3Page - Integrated Device Technology IDT7203L50D Datasheet HTML 4Page - Integrated Device Technology IDT7203L50D Datasheet HTML 5Page - Integrated Device Technology IDT7203L50D Datasheet HTML 6Page - Integrated Device Technology IDT7203L50D Datasheet HTML 7Page - Integrated Device Technology IDT7203L50D Datasheet HTML 8Page - Integrated Device Technology IDT7203L50D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5.04
5
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Military
Com'l & Mil.
Military(2)
7203S/L40
7203S/L50
7203S/L65
7203S/L80
7203S/L120
7204S/L40
7204S/L50
7204S/L65
7204S/L80
7204S/L120
7205L50
7206L50
Symbol
Parameters
Min.
Max.
Min.
Max. Min.
Max. Min.
Max. Min.
Max.
Unit
fS
Shift Frequency
20
15
12.5
10
7
MHz
tRC
Read Cycle Time
50
65
80
100
140
ns
tA
Access Time
40
50
65
80
120
ns
tRR
Read Recovery Time
10
15
15
20
20
ns
tRPW
Read Pulse Width(3)
40
50
65
80
120
ns
tRLZ
Read LOW to Data Bus LOW(4)
5
10
10
10
10
ns
tWLZ
Write HIGH to Data Bus Low-Z(4, 5)
10
15
15
20
20
ns
tDV
Data Valid from Read HIGH
5
5
5
5
5
ns
tRHZ
Read HIGH to Data Bus High-Z(4)
25
30
30
30
35
ns
tWC
Write Cycle Time
50
65
80
100
140
ns
tWPW
Write Pulse Width(3)
40
50
65
80
120
ns
tWR
Write Recovery Time
10
15
15
20
20
ns
tDS
Data Set-up Time
20
30
30
40
40
ns
tDH
Data Hold Time
0
5
10
10
10
ns
tRSC
Reset Cycle Time
50
65
80
100
140
ns
tRS
Reset Pulse Width(3)
40
50
65
80
120
ns
tRSS
Reset Set-up Time(4)
40
50
65
80
120
ns
tRSR
Reset Recovery Time
10
15
15
20
20
ns
tRTC
Retransmit Cycle Time
50
65
80
100
140
ns
tRT
Retransmit Pulse Width(3)
40
50
65
80
120
ns
tRTS
Retransmit Set-up Time(4)
40
50
65
80
120
ns
tRSR
Retransmit Recovery Time
10
15
15
20
20
ns
tEFL
Reset to
EF LOW
50
65
80
100
140
ns
tHFH, tFFH
Reset to
HF and FF HIGH
50
65
80
100
140
ns
tRTF
Retransmit LOW to Flags Valid
50
65
80
100
140
ns
tREF
Read LOW to
EF Flag LOW
35
45
60
60
60
ns
tRFF
Read HIGH to
FF HIGH
35
45
60
60
60
ns
tRPE
Read Pulse Width after
EF HIGH
40
50
65
80
120
ns
tWEF
Write HIGH to
EF HIGH
35
45
60
60
60
ns
tWFF
Write LOW to
FF LOW
35
45
60
60
60
ns
tWHF
Write LOW to
HF LOW
50
65
80
100
140
ns
tRHF
Read HIGH to
HF HIGH
50
65
80
100
140
ns
tWPF
Write Pulse Width after
FF HIGH
40
50
65
80
120
ns
tXOL
Read/Write LOW to
XO LOW
40
50
65
80
120
ns
tXOH
Read/Write HIGH to
XO HIGH
40
50
65
80
120
ns
tXI
XI Pulse Width(3)
40
50
65
80
120
ns
tXIR
XI Recovery Time
10
10
10
10
10
ns
tXIS
XI Set-up Time
15
15
15
15
15
ns
AC ELECTRICAL CHARACTERISTICS(1) (Continued)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
2661 tbl 06
1. Timings referenced as in AC Test Conditions.
2. Speed grades 65, 80, and 120ns are only available in the ceramic DIP.
3. Pulse widths less than minimum are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.


Similar Part No. - IDT7203L50D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203L50DG IDT-IDT7203L50DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203L50DGI IDT-IDT7203L50DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7203L50D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com