Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2549K0805AT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # DP2549K0805AT
Description  Surface mount diplexer with a small size of 2.0 X 1.25 X 0.55 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DP2549K0805AT Datasheet(HTML) 1 Page - Frontier Electronics.

  DP2549K0805AT Datasheet HTML 1Page - Frontier Electronics. DP2549K0805AT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DP2549K0805AT DIPLEXER SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount diplexer
with a small size of 2.0 X 1.25 X 0.55 mm, RoHS compliant.
2.
Provide low insertion loss and high attenuation.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PN
DP2549K0805AT
Specification
Frequency range
2400-2500 MHz
4900-5900 MHz
Impedance
50
50
VSWR
2.0 max
2.0 max
Insertion Loss
0.7 dB max.
1.0 dB max.
Attenuation (min.)
18 min@ 4.8-6.0GHz
18 min@ 7.2-7.5 GHz
19 min@ 1.8-2.5GHz
25 min@ 10.3-10.7GHz
Operation Temperature Range
-40
°C to +85°C
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
P1
P2
P3
P5
P6
P4
P1
P2
P3
P5
P6
P4
Symbol
Dimension (mm)
L
2.00 ± 0.10
W
1.25 ± 0.20
T
0.55 ± 0.15
A
0.20 ± 0.15
B
0.30 ± 0.15
C
0.35 ± 0.15
D
0.65 ± 0.15
E
0.20 ± 0.10
PIN
Connection
PIN
Connection
P1
5 GHz port
P4
GND
P2
GND
P5
Common port
P3
2.4 GHz port
P6
GND
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - DP2549K0805AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DP2549K0805BT FRONTIER-DP2549K0805BT Datasheet
166Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.55 mm, RoHS compliant.
DP2549K0805DT FRONTIER-DP2549K0805DT Datasheet
218Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549K0805ET FRONTIER-DP2549K0805ET Datasheet
163Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 1.00 mm, RoHS compliant.
More results

Similar Description - DP2549K0805AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DP2549K0805BT FRONTIER-DP2549K0805BT Datasheet
166Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.55 mm, RoHS compliant.
DP2549K0805DT FRONTIER-DP2549K0805DT Datasheet
218Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2552K0805AT FRONTIER-DP2552K0805AT Datasheet
224Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.80 mm, RoHS compliant.
DP2549E0805AT FRONTIER-DP2549E0805AT Datasheet
131Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549E0805BT FRONTIER-DP2549E0805BT Datasheet
204Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549K0805ET FRONTIER-DP2549K0805ET Datasheet
163Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 1.00 mm, RoHS compliant.
DP1624P1008AT FRONTIER-DP1624P1008AT Datasheet
215Kb / 2P
   Surface mount diplexer with a small size of 2.5 X 2.0 X 0.80 mm, RoHS compliant.
BP2500C0805BT FRONTIER-BP2500C0805BT Datasheet
160Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.55 mm, RoHS compliant.
BP5900B0805DT FRONTIER-BP5900B0805DT Datasheet
282Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
BP5900B0805ET FRONTIER-BP5900B0805ET Datasheet
285Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com