Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32671L8152 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32671L8152
Description  Metallized Polypropylene Film Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32671L8152 Datasheet(HTML) 2 Page - TDK Electronics

  B32671L8152 Datasheet HTML 1Page - TDK Electronics B32671L8152 Datasheet HTML 2Page - TDK Electronics B32671L8152 Datasheet HTML 3Page - TDK Electronics B32671L8152 Datasheet HTML 4Page - TDK Electronics B32671L8152 Datasheet HTML 5Page - TDK Electronics B32671L8152 Datasheet HTML 6Page - TDK Electronics B32671L8152 Datasheet HTML 7Page - TDK Electronics B32671L8152 Datasheet HTML 8Page - TDK Electronics B32671L8152 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Typical applications
Electronic ballasts (resonant circuits)
SMPS
High-frequency AC loads
Pulse circuits
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/110/56
Construction
Dielectric: metallized polypropylene (PP)
Wound capacitor technology
Plastic case (UL 94 V-0)
Epoxy resin sealing
Features
Very high AC voltages for all frequency
ranges
Very small dimensions
High peak voltage for short time periods
High peak current
High pulse withstand capability
RoHS-compatible
Halogen-free capacitors available on request
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo
lot number, series number
Rated capacitance (coded)
Capacitance tolerance (code letter)
Rated AC voltage
Date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32671L
15
0.8
B32672L
Metallized polypropylene film capacitors (MKP)
B32671L ... B32672L
High V AC, high temperature (wound)
Page 2 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L8152

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L8152 EPCOS-B32671L8152 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32671L8152 EPCOS-B32671L8152 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32671L8152 TDK-B32671L8152 Datasheet
276Kb / 16P
   Metallized Polypropylene Film Capacitors
B32671L8152 TDK-B32671L8152 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L8152

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com