Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F004S3 Datasheet(PDF) 7 Page - Intel Corporation

Part # 28F004S3
Description  BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004S3 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 28F004S3 Datasheet HTML 3Page - Intel Corporation 28F004S3 Datasheet HTML 4Page - Intel Corporation 28F004S3 Datasheet HTML 5Page - Intel Corporation 28F004S3 Datasheet HTML 6Page - Intel Corporation 28F004S3 Datasheet HTML 7Page - Intel Corporation 28F004S3 Datasheet HTML 8Page - Intel Corporation 28F004S3 Datasheet HTML 9Page - Intel Corporation 28F004S3 Datasheet HTML 10Page - Intel Corporation 28F004S3 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
E
BYTE-WIDE SMART 3 FlashFile™ MEMORY FAMILY
7
PRELIMINARY
Table 1. Pin Descriptions
Sym
Type
Name and Function
A0–A20
INPUT
ADDRESS INPUTS: Inputs for addresses during read and write operations.
Addresses are internally latched during a write cycle.
4 Mbit
→ A
0–A18
8 Mbit
→ A
0–A19
16 Mbit
→ A
0–A20
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUT/OUTPUTS: Inputs data and commands during CUI write cycles;
outputs data during memory array, status register, and identifier code read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are
disabled. Data is internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders, and
sense amplifiers. CE#-high deselects the device and reduces power consumption to
standby levels.
RP#
INPUT
RESET/DEEP POWER-DOWN: When driven low, RP# inhibits write operations
which provides data protection during power transitions, puts the device in deep
power-down mode, and resets internal automation. RP#-high enables normal
operation. Exit from deep power-down sets the device to read array mode.
RP# at VHH enables setting of the master lock-bit and enables configuration of block
lock-bits when the master lock-bit is set. RP# = VHH overrides block lock-bits,
thereby enabling block erase and program operations to locked memory blocks.
Block erase, program, or lock-bit configuration with VIH < RP# < VHH produce
spurious results and should not be attempted.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data
are latched on the rising edge of the WE# pulse.
RY/BY#
OUTPUT READY/BUSY#: Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase, program, or lock-bit). RY/BY#-high
indicates that the WSM is ready for new commands, block erase or program is
suspended, or the device is in deep power-down mode. RY/BY# is always active.
VPP
SUPPLY BLOCK ERASE, PROGRAM, LOCK-BIT CONFIGURATION POWER SUPPLY:
For erasing array blocks, programming data, or configuring lock-bits.
Smart 3 Flash
→ 2.7 V, 3.3 V and 12 V VPP
With VPP
≤ VPPLK, memory contents cannot be altered. Block erase, program, and
lock-bit configuration with an invalid VPP (see DC Characteristics) produce spurious
results and should not be attempted.
VCC
SUPPLY DEVICE POWER SUPPLY: Internal detection automatically configures the device
for optimized read performance. Do not float any power pins.
Smart 3 Flash
→ 2.7 V and 3.3 V VCC
With VCC
≤ VLKO, all write attempts to the flash memory are inhibited. Device
operations at invalid VCC voltages (see DC Characteristics) produce spurious
results and should not be attempted. Block erase, program, and lock-bit
configuration operations with VCC < 2.7 V are not supported.
GND
SUPPLY GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.


Similar Part No. - 28F004S3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results

Similar Description - 28F004S3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com