Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF3020CT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SRF3020CT
Description  30.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SRF3020CT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SRF3020CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SRF3020CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SRF3020CT THRU SRF30100CT)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
200
100
0
300
500
400
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
5
10
15
20
25
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
Tj=25 C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
.1
1.0
10
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=25 C
Tj=100 C
0
20
40
60
80
100
120
140
160
180
200
83
CASE TEMPERATURE,( C)


Similar Part No. - SRF3020CT

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SRF3020CT JINGHENG-SRF3020CT Datasheet
74Kb / 2P
   Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
SRF3020CT GXELECTRONICS-SRF3020CT Datasheet
339Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SRF3020CT SAMYANG-SRF3020CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF3020CT-20V-ITO-220AB DGNJDZ-SRF3020CT-20V-ITO-220AB Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF3020CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
212Kb / 2P
   30.0 AMP. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR30150CT GWSEMI-SR30150CT Datasheet
71Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3060 SECOS-SBR3060_15 Datasheet
164Kb / 2P
   30.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR3020 FORMOSA-SR3020 Datasheet
36Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR3020CT GWSEMI-SR3020CT Datasheet
73Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3040R SECOS-SBR3040R_15 Datasheet
249Kb / 2P
   30.0 Amp Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_15 Datasheet
246Kb / 2P
   30.0 Amp Schottky Barrier Rectifiers
SM3040D SECOS-SM3040D_15 Datasheet
231Kb / 2P
   30.0 Amp Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
MBR3020CT BYTESONIC-MBR3020CT Datasheet
392Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR3020 BYTES-SR3020 Datasheet
156Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR30100R SECOS-SBR30100R_15 Datasheet
250Kb / 2P
   30.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com