Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HG2120-1B-18DTF Datasheet(PDF) 5 Page - Hongfa Technology

Part # HG2120-1B-18DTF
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HG2120-1B-18DTF Datasheet(HTML) 5 Page - Hongfa Technology

  HG2120-1B-18DTF Datasheet HTML 1Page - Hongfa Technology HG2120-1B-18DTF Datasheet HTML 2Page - Hongfa Technology HG2120-1B-18DTF Datasheet HTML 3Page - Hongfa Technology HG2120-1B-18DTF Datasheet HTML 4Page - Hongfa Technology HG2120-1B-18DTF Datasheet HTML 5Page - Hongfa Technology HG2120-1B-18DTF Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-9A5F?pg` zB 75G9 C: BC HC@9F5B79 G<CKB =B CIH@=B9 8=A9BG=CBp CIH@=B9 8=A9BG=CB UgAAb HC@9F5B79 G<CI@8 69 PfdhAAq CIH@=B9 8=A9BG=CB WgAA
5B8 UkAAb HC@9F5B79 G<CI@8 69 PfdiAAq CIH@=B9 8=A9BG=CB WkAAb HC@9F5B79 G<CI@8 69 PfdjAAd
h` /<9 HC@9F5B79 K=H<CIH =B8=75H=B; :CF +ts @5MCIH =G 5@K5MG PfdgAAd
_sCHHCA J=9K`
gwCFA s
gwCFA t
ywhghg
hkdo
_sCHHCA J=9K`_/CD J=9K`
_sCHHCA J=9K`_/CD J=9K`
hkdo
ywhghf
_sCHHCA J=9K`_/CD J=9K`
_sCHHCA J=9K`_/CD J=9K`
jdg
hkdo
jdg
hkdo
ywhghg
ywhghf
hio
_sCHHCA J=9K`
hidk
hidk
hidk
hidk
@ED=<?8 7<>8?C<@?C. G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4H@ED
0B=Hp AA
*IH@=B9 u=A9BG=CBG
+ts |5MCIH
2=F=B; u=5;F5A
ndo
gmdn
gj
ic hdg
idn
gmdn
gj
hc hdg
idn
hc gdg
hc gdg
gkd
idl
gkd
idl
gkdm
idl
ndo
gmdn
gj
hc gdg
jc hdg
idn
gmdn
gj
hc gdg
ic hdg
idn
gkdm
idl


Similar Part No. - HG2120-1B-18DTF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HG2-AC100V-F PANASONIC-HG2-AC100V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG2-AC115V PANASONIC-HG2-AC115V Datasheet
222Kb / 5P
   20 AMP POWER RELAY
HG2-AC115V-F PANASONIC-HG2-AC115V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG2-AC12V PANASONIC-HG2-AC12V Datasheet
222Kb / 5P
   20 AMP POWER RELAY
HG2-AC200V-F PANASONIC-HG2-AC200V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
More results

Similar Description - HG2120-1B-18DTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com