Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1886A Datasheet(PDF) 3 Page - Analog Devices

Part # AD1886A
Description  AC 97 SoundMAX Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1886A Datasheet(HTML) 3 Page - Analog Devices

  AD1886A_15 Datasheet HTML 1Page - Analog Devices AD1886A_15 Datasheet HTML 2Page - Analog Devices AD1886A_15 Datasheet HTML 3Page - Analog Devices AD1886A_15 Datasheet HTML 4Page - Analog Devices AD1886A_15 Datasheet HTML 5Page - Analog Devices AD1886A_15 Datasheet HTML 6Page - Analog Devices AD1886A_15 Datasheet HTML 7Page - Analog Devices AD1886A_15 Datasheet HTML 8Page - Analog Devices AD1886A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
–3–
AD1886A
DIGITAL DECIMATION AND INTERPOLATION FILTERS
*
Parameter
Min
Typ
Max
Unit
Pass Band
0
0.4
× fS
Hz
Pass-Band Ripple
±0.09
dB
Transition Band
0.4
× fS
0.6
× fS
Hz
Stop Band
0.6
× fS
Hz
Stop-Band Rejection
–74
dB
Group Delay
12/fS
sec
Group Delay Variation over Pass Band
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Unit
Resolution
16
Bits
Total Harmonic Distortion (THD)
–84
dB
Dynamic Range (–60 dB input THD + N Referenced to Full Scale, A-Weighted)
84
87
dB
Signal-to-Intermodulation Distortion
* (CCIF Method)
85
dB
ADC Crosstalk
*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–100
–90
dB
LINE_IN to Other
–90
–85
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
±5mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Unit
Resolution
16
Bits
Total Harmonic Distortion (THD) LINE_OUT
–85
dB
Total Harmonic Distortion (THD) HP_OUT
–75
dB
Dynamic Range (–60 dB Input THD + N Referenced to Full Scale, A-Weighted)
85
90
dB
Signal-to-Intermodulation Distortion
* (CCIF Method)
–100
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk
* (Input L, Zero R, Measure R_OUT; Input R, Zero L,
–80
dB
Measure L_OUT)
Total Audible Out-of-Band Energy (Measured from 0.6
× fS to 20 kHz)*
–40
dB
ANALOG OUTPUT
Parameter
Min
Typ
Max
Unit
Full-Scale Output Voltage; LINE_OUT
1
V rms
2.83
V p-p
Output Impedance
*
800
External Load Impedance
*
10
k
Output Capacitance
*
15
pF
External Load Capacitance
100
pF
Full-Scale Output Voltage; HP_OUT (0 dB Gain)
1
V rms
Output Capacitance
*
100
pF
External Load Impedance
*
32
VREF
2.05
2.25
2.45
V
VREF_OUT
2.25
V
VREF _OUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5mV
*Guaranteed but not tested.


Similar Part No. - AD1886A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1886AJST AD-AD1886AJST Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
More results

Similar Description - AD1886A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com