Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF158F Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF158F
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF158F Datasheet(HTML) 2 Page - Hongfa Technology

  HF158F Datasheet HTML 1Page - Hongfa Technology HF158F Datasheet HTML 2Page - Hongfa Technology HF158F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
hnm
`uFKKFD M@<Na
/<D8IBqha |E :8J< F= EF KFC<I8E:< J?FNE @E FLKC@E< ;@D<EJ@FEq FLKC@E< ;@D<EJ@FE ZhDDc KFC<I8E:< J?FLC; 9< TgeiDDr FLKC@E< ;@D<EJ@FE ]hDD
8E; ZlDDc KFC<I8E:< J?FLC; 9< TgejDDr FLKC@E< ;@D<EJ@FE ]lDDc KFC<I8E:< J?FLC; 9< TgekDDe
ia 1?< KFC<I8E:< N@K?FLK @E;@:8K@E> =FI -vu C8PFLK @J 8CN8PJ TgehDDe
ja 1?< N@;K? F= K?< >I@;;@E> @J ieliDDe
ha ia
`uFKKFD M@<Na
hyFID t
hyFID v
hyFID t
hyFID v
j
5SOP YSPWJNM
lc mc pchic hoc ikc ko3wv
{yhloy f
hi
0
j
d7
EMUVOSR
/2 legDD
?A67A;>9 ;>8?A=3C;?>
CZTM
5SRVWUXKWOSR
B2 -C8JK@: J<8C<;
>OP2 yCLO GIFF=<;
5SRWJKW JUUJRNMQMRW
:2hyFID t
I2hyFID v
?DC<;>7 6;=7>B;?>B, F;A;>9 6;39A3= 3>6 @5 4?3A6 <3H?DC
,LKC@E< w@D<EJ@FEJ
4@I@E> w@8>I8D
-vu ~8PFLK
5SRWJKW QJWMUOJP
`555a
2E@Kq DD
/2 t>+@
C2 t>0E,i
{yhloyq 0K8E;8I;
{yhloyd1q {@>? K<DG<I8KLI<
>SWMV2 ha 4< I<:FDD<E; =CLO GIFF=<; KPG<J =FI 8 :C<8E <EM@IFED<EK `=I<< =IFD :FEK8D@E8K@FEJ C@B< {i0c 0,ic +,ic ;LJKc <K:eae
4< JL>><JK KF :?FFJ< GC8JK@: J<8C<; KPG<J 8E; M8C@;8K< @K @E I<8C 8GGC@:8K@FE =FI 8E LE:C<8E <EM@IFED<EK `N@K? :FEK8D@E8K@FEJ
C@B< {i0c 0,ic +,ic ;LJKc <K:ae
md hej
igehm
iej
legk
od hej
igehm
iej
legk
legk
hien
ip
mdgelOgeo
gel
BTMKOJP KSLMja
GGG2 vLJKFD<I JG<:@8C I<HL@I<D<EK
>OP2 0K8E;8I;
ja 1?< :LJKFD<I JG<:@8C I<HL@I<D<EK <OGI<JJ 8J JG<:@8C :F;< 8=K<I <M8CL8K@E> 9P {FE>=8e <e>e `ihna JK8E;J =FI GIF;L:K N@K? K?< <C<:KI@:8C
<E;LI8E:< F= j O hgl,-0 8K hgt CF8;e
ia vFEK8:K @J I<:FDD<E;<; =FI JL@K89C< :FE;@K@FE 8E; JG<:@=@:8K@FEJ @= N8K<I :C<8E@E> FI JLI=8:< GIF:<JJ @J @EMFCM<; @E 8JJ<D9C@E> I<C8PJ
FE -vue


Similar Part No. - HF158F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF158F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com