Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1877 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1877
Description  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1877 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1877_15 Datasheet HTML 6Page - Analog Devices AD1877_15 Datasheet HTML 7Page - Analog Devices AD1877_15 Datasheet HTML 8Page - Analog Devices AD1877_15 Datasheet HTML 9Page - Analog Devices AD1877_15 Datasheet HTML 10Page - Analog Devices AD1877_15 Datasheet HTML 11Page - Analog Devices AD1877_15 Datasheet HTML 12Page - Analog Devices AD1877_15 Datasheet HTML 13Page - Analog Devices AD1877_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD1877
REV. A
–10–
S/M
RLJUST
MSBDLY
WCLK
BCLK
LRCK
Serial Port Operation Mode
1
1
1
Output
Input
Input
Slave Mode. WCLK frames the data. The MSB is output on the
17th BCLK cycle. Provides right-justified data in slave mode
with a 64
× F
S BCLK frequency. See Figure 7.
1
1
0
Input
Input
Input
Slave Mode. The MSB is output in the BCLK cycle after
WCLK is detected HI. WCLK is sampled on the BCLK active
edge, with the MSB valid on the next BCLK active edge. Tying
WCLK HI results in I
2S-justified data. See Figure 8.
1
0
1
Output
Input
Input
Slave Mode. Data left-justified with WCLK framing the data.
WCLK rises immediately after an LRCK transition. The MSB is
valid on the first BCLK active edge. See Figure 9.
1
0
0
Output
Input
Input
Slave Mode. Data I2S-justified with WCLK framing the data.
WCLK rises in the second BCLK cycle after an LRCK transi-
tion. The MSB is valid on the second BCLK active edge. See
Figure 10.
0
1
1
Output
Output
Output
Master Mode. Data right-justified. WCLK frames the data,
going HI in the 17th BCLK cycle. BCLK frequency = 64
× F
S.
See Figure 11.
0
1
0
Output
Output
Output
Master Mode. Data right-justified + 1. WCLK is pulsed in the
17th BCLK cycle, staying HI for only 1 BCLK cycle. BCLK
frequency = 64
× FS. See Figure 12.
0
0
1
Output
Output
Output
Master Mode. Data left-justified. WCLK frames the data.
BCLK frequency = 64
× F
S. See Figure 13.
0
0
0
Output
Output
Output
Master Mode. Data I
2S-justified. WCLK frames the data.
BCLK frequency = 64
× F
S. See Figure 14.
Serial Port Data Timing Sequences
The RDEDGE input (Pin 6) selects the bit clock (BCLK) polarity.
RDEDGE HI causes data to be transmitted on the BCLK falling
edge and valid on the BCLK rising edge; RDEDGE LO causes
data to be transmitted on the BCLK rising edge and valid on
the BCLK falling edge. This is shown in the serial data output
timing diagrams. The term “sampling” is used generically to
denote the BCLK edge (rising or falling) on which the serial
data is valid. The term “transmitting” is used to denote the
other BCLK edge. The S/M input (Pin 7) selects slave mode (S/
M HI) or master mode (S/M LO). Note that in slave mode,
BCLK may be continuous or gated (i.e., a stream of pulses dur-
ing the data phase followed by periods of inactivity between
channels).
In the master modes, the bit clock (BCLK), the left/right clock
(LRCK), and the word clock (WCLK) are always outputs, gen-
erated internally in the AD1877 from the master clock (CLKIN)
input. In master mode, a LRCK cycle defines a 64-bit “frame.”
LRCK is HI for a 32-bit “field” and LRCK is LO for a 32-bit
“field.”
In the slave modes, the bit clock (BCLK), and the left/right clock
(LRCK) are user-supplied inputs. The word clock (WCLK) is an
internally generated output except when S/M is HI, RLJUST is
HI, and MSBDLY is LO, when it is a user-supplied input which
controls the data position. Note that the AD1877 does not sup-
port asynchronous operation in slave mode; the clocks (CLKIN,
LRCK, BCLK and WCLK) must be externally derived from a
common source. In general, CLKIN should be divided down
externally to create LRCK, BCLK and WCLK.
In the slave modes, the relationship between LRCK and BCLK
is not fixed, to the extent that there can be an arbitrary number
of BCLK cycles between the end of the data transmission and
the next LRCK transition. The slave mode timing diagrams are
therefore simplified as they show precise 32-bit fields and 64-bit
frames.
In two slave modes, it is possible to pack two 16-bit samples in
a single 32-bit frame, as shown in Figures 15 and 16. BCLK,
LRCK, DATA and TAG operate at one half the frequency
(twice the period) as in the 64-bit frame modes. This 32-bit
frame mode is enabled by pulsing the LRCK HI for a minimum
of one BCLK period to a maximum of sixteen BCLK periods.
The LRCK HI for one BCLK period case is shown in Figures
15 and 16. With a one or two BCLK period HI pulse on
LRCK, note that both the left and right TAG bits are output
immediately, back-to-back. With a three to sixteen BCLK period
HI pulse on LRCK, the left TAG bits are followed by one to
fourteen “dead” cycles (i.e., zeros) followed by the right TAG
bits. Also note that WCLK stays HI continuously when the
AD1877 is in the 32-bit frame mode. Figure 15 illustrates the
left-justified case, while Figure 16 illustrates the I
2S-justified case.
In all modes, the left and right channel data is updated with the
next sample within the last 1/8 of the current conversion cycle (i.e.,
within the last 4 BCLK cycles in 32-bit frame mode, and within
the last 8 BCLK cycles in 64-bit frame mode). The user must
constrain the output timing such that the MSB of the right channel
is read before the final 1/8 of the current conversion period.


Similar Part No. - AD1877_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1877JR AD-AD1877JR Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Similar Description - AD1877_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com