Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811DTA Datasheet(PDF) 1 Page - Rohm

Part # SML-811DTA
Description  Reverse-mount available type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811DTA Datasheet(HTML) 1 Page - Rohm

  SML-811DTA Datasheet HTML 1Page - Rohm SML-811DTA Datasheet HTML 2Page - Rohm SML-811DTA Datasheet HTML 3Page - Rohm SML-811DTA Datasheet HTML 4Page - Rohm SML-811DTA Datasheet HTML 5Page - Rohm SML-811DTA Datasheet HTML 6Page - Rohm SML-811DTA Datasheet HTML 7Page - Rohm SML-811DTA Datasheet HTML 8Page - Rohm SML-811DTA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• Reverse-mount available type
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR
Min.*
3
Typ. Max.*3
IF
Min.
Typ.
IF
(V)
(mA)
(
mA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
SML-811VT(A)
625
630
636
SML-811UT(A)
615
620
625
SML-811DT(A)
602
605
608
SML-811WT(A)
587
590
593
14
28
SML-812MT
2.1
4
569
572
575
14
40
SML812BCT
3.3
464
470
476
22
56
2.9
5
10
5
22
45
5
*1:Duty1/5, 200Hz *2:Duty1/10, 1kHz *3:Reference
5
10
20
5
10
20
11.2 22.4
-40 to +100 1.95 10
100
-40 to +85
20
SML-81 Series
62
65
80
100*
2
60*
1
5
4
5
Yellow
Yellowish
Green
Color
IFP(mA)
Current
VR(V)
AIGaInP
Topr(ºC)
Tstg(ºC)
Part No.
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
Voltage
Dissipation
Current
PD(mW) IF(mA)
Electrical and Optical Characteristics (Ta=25ºC)
Emitting
Power
Forward Peak Forward Reverse
Operating Temp.
Storage Temp.
Forward Voltag VF Reverse Current IR
Dominant Wavelength
lD Luminous Intensity I
V
Red
25
Orange
-40 to +85
-30 to +85
Blue
SML813WBC8W
(0.30, 0.30)
White
10
50*
2
InGaN
-40 to +85 -40 to +100
20
100*
2
33
-30 to +85 -40 to +85
(unit : mm)
(unit : mm)
(note) Tolerance is within
0.1mm
unless otherwise specified
※ Except burr on terminal from consideration.
3412 (1305)
3.4×1.25mm (t=1.1mm)
Color
Type
V
U
D
B
WB
W
M
1/11
2014.11 - Rev.G


Similar Part No. - SML-811DTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results

Similar Description - SML-811DTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com