Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811VTA Datasheet(PDF) 6 Page - Rohm

Part # SML-811VTA
Description  Reverse-mount available type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811VTA Datasheet(HTML) 6 Page - Rohm

Back Button SML-811VTA Datasheet HTML 2Page - Rohm SML-811VTA Datasheet HTML 3Page - Rohm SML-811VTA Datasheet HTML 4Page - Rohm SML-811VTA Datasheet HTML 5Page - Rohm SML-811VTA Datasheet HTML 6Page - Rohm SML-811VTA Datasheet HTML 7Page - Rohm SML-811VTA Datasheet HTML 8Page - Rohm SML-811VTA Datasheet HTML 9Page - Rohm SML-811VTA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 Series
lSpectrum Data
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
 
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
SML812BCT
SML-812MT
WAVELENGTH [nm]
WAVELENGTH [nm]
I
F=20mA
I
F=10mA
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
6/11
2014.11 - Rev.G


Similar Part No. - SML-811VTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811VTA ROHM-SML-811VTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VTA ROHM-SML-811VTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VTA ROHM-SML-811VTA Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results

Similar Description - SML-811VTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com