Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC725V0YSZX Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC725V0YSZX
Description  High Sensitivity and High Collector-emitter Voltage Type Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC725V0YSZX Datasheet(HTML) 2 Page - Sharp Corporation

  PC725V0YSZX Datasheet HTML 1Page - Sharp Corporation PC725V0YSZX Datasheet HTML 2Page - Sharp Corporation PC725V0YSZX Datasheet HTML 3Page - Sharp Corporation PC725V0YSZX Datasheet HTML 4Page - Sharp Corporation PC725V0YSZX Datasheet HTML 5Page - Sharp Corporation PC725V0YSZX Datasheet HTML 6Page - Sharp Corporation PC725V0YSZX Datasheet HTML 7Page - Sharp Corporation PC725V0YSZX Datasheet HTML 8Page - Sharp Corporation PC725V0YSZX Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PC725V0NSZX/PC725V0YSZX
Parameter
Conditions
Input
Forward voltage
IF
=10mA
Terminal capacitance
Output
VCE
=200V, IF=0, RBE=∞
Collector current
IF
=1mA, VCE=2V, RBE=∞
Transfer
charac-
teristics
Collector-emitter saturation voltage
IF
=20mA, IC=100mA, RBE=∞
Isolation resistance
DC500V, 40 to 60%RH
Floating capacitance
V
=0, f=1MHz
Response time
Rise time
Fall time
MIN.
10
5
×1010
TYP.
1.2
30
1011
0.6
100
20
MAX.
1.4
250
10−6
40
150
1.2
1.0
300
100
Collector dark current
Symbol
VF
Peak forward voltage
IFM
=0.5A
VFM
Ct
ICEO
IC
VCE(sat)
Cf
tr
tf
RISO
V
=0, f=1kHz
Unit
V
V
Reverse current
VR=4V
−−
10
−−
3
IR
µA
A
mA
V
pF
pF
µs
µs
VCE
=2V, IC=20mA
RL
=100Ω, RBE=∞
(Ta
=25˚C)
Cut-off frequency
1
7
fC
kHz
VCE
=2V, IC=20mA, RL=100Ω, RBE=∞, -3dB
s Electro-optical Characteristics
Duty ratio
5
5
Pulse width
≤100µs
Ta=25˚C
10
20
100
50
200
500
2
10
−3
10
−2
52
10
−1
52
5
1
10 000
5 000
2 000
1 000
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward voltage VF (V)
50˚C
25˚C
0˚C
−25˚C
Ta=75˚C
Fig.3
Peak Forward Current vs. Duty Ratio
Fig.4
Forward Current vs. Forward Voltage
0
−25
30
0
25
50
75
100
125
40
50
60
20
10
Ambient temperature Ta (˚C)
−25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
Ambient temperature Ta (˚C)
Fig.1
Forward Current vs. Ambient
Temperature
Fig.2
Collector Power Dissipation vs.
Ambient Temperature


Similar Part No. - PC725V0YSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC725V0YSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC865 SHARP-PC865 Datasheet
97Kb / 5P
   High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PC875 SHARP-PC875 Datasheet
100Kb / 6P
   High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com