Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC725V0NSZX Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC725V0NSZX
Description  High Sensitivity and High Collector-emitter Voltage Type Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC725V0NSZX Datasheet(HTML) 3 Page - Sharp Corporation

  PC725V0NSZX Datasheet HTML 1Page - Sharp Corporation PC725V0NSZX Datasheet HTML 2Page - Sharp Corporation PC725V0NSZX Datasheet HTML 3Page - Sharp Corporation PC725V0NSZX Datasheet HTML 4Page - Sharp Corporation PC725V0NSZX Datasheet HTML 5Page - Sharp Corporation PC725V0NSZX Datasheet HTML 6Page - Sharp Corporation PC725V0NSZX Datasheet HTML 7Page - Sharp Corporation PC725V0NSZX Datasheet HTML 8Page - Sharp Corporation PC725V0NSZX Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PC725V0NSZX/PC725V0YSZX
0
0.1
0.2
0.5
1
2
5
10
20
Forward current IF (mA)
VCE=2V
RBE=∞
Ta=25˚C
5 000
4 000
3 000
2 000
1 000
0
0
20
160
12345678
40
60
80
100
120
140
3mA
2mA
1mA
0.7mA
0.5mA
1.5mA
Collector-emitter voltage VCE (V)
IF=5mA
RBE=∞
Ta=25˚C
PC (MAX.)
Fig.5
Current Transfer Ratio vs. Forward
Current
Fig.7
Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.6
Collector Current vs. Collector-emitter
Voltage
Fig.9
Collector Dark Current vs. Ambient
Temperature
Fig.10 Response Time vs. Load Resistance
Fig.8 Collector - emitter Saturation Voltage
vs. Ambient Temperature
100
0
50
150
0
255075
100
Ambient temperature Ta (˚C)
−25
IF=1mA
VCE=2V
RBE=∞
10
−9
10
−8
10
−7
10
−6
10
−4
−25
25
0
50
75
100
10
−5
Ambient temperature Ta (˚C)
VCE=200V
RBF=∞
1 000
500
200
100
50
20
10
5
2
0.02
0.05
0.1
0.2
0.5
1
2
VCE=2V
IC=20mA
RBE=∞
Ta=25˚C
ts
tf
td
tr
Load resistance RL (kΩ)
0
0.2
−25
0
25
50
75
100
0.4
0.6
0.8
1
1.2
Ambient temperature Ta (˚C)
IF=20mA
IC=100mA
RBE=∞


Similar Part No. - PC725V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC725V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC865 SHARP-PC865 Datasheet
97Kb / 5P
   High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PC875 SHARP-PC875 Datasheet
100Kb / 6P
   High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com