Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1868 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1868
Description  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1868_15 Datasheet HTML 4Page - Analog Devices AD1868_15 Datasheet HTML 5Page - Analog Devices AD1868_15 Datasheet HTML 6Page - Analog Devices AD1868_15 Datasheet HTML 7Page - Analog Devices AD1868_15 Datasheet HTML 8Page - Analog Devices AD1868_15 Datasheet HTML 9Page - Analog Devices AD1868_15 Datasheet HTML 10Page - Analog Devices AD1868_15 Datasheet HTML 11Page - Analog Devices AD1868_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1868
REV. A
–9–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
VL
VS
AD1868
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
YM3434
VSS
DRO
DLO
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
+5V POWER
SUPPLY
LOW
PASS
FILTER
LOW
PASS
FILTER
VDD2
ST
BCO
WCO
16/18
VBR
VBL
VDD1
VS
VOL
VOR
Figure 14. AD1868 with Yamaha YM3434 Digital Filter
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE FROM ANALOG DEVICES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1856
DGND
NC
CLK
LE
DATA
NC = NO CONNECT
TRIM
MSB
ADJ
AGND
SJ
–VS
+VL
–VL
+VS
IOUT
VOUT
RF
IOUT
AD1856 16-Bit Audio DAC
Complete, No External Components Required
16-Pin DIP or SOIC Package
Standard Pinout
Low Cost
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
LATCH
18-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1860
DGND
NC
CLK
LE
DATA
NC = NO CONNECT
TRIM
MSB
ADJ
AGND
SJ
–VS
+VL
–VL
+VS
IOUT
VOUT
RF
IOUT
AD1860 18-Bit Audio DAC
Complete, No External Components Required
102 dB SNR Minimum
16-Pin DIP or SOIC Package
Standard Pinout


Similar Part No. - AD1868_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868N AD-AD1868N Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868N-J AD-AD1868N-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R AD-AD1868R Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R-J AD-AD1868R-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

Similar Description - AD1868_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com