Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1862 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1862_15 Datasheet HTML 4Page - Analog Devices AD1862_15 Datasheet HTML 5Page - Analog Devices AD1862_15 Datasheet HTML 6Page - Analog Devices AD1862_15 Datasheet HTML 7Page - Analog Devices AD1862_15 Datasheet HTML 8Page - Analog Devices AD1862_15 Datasheet HTML 9Page - Analog Devices AD1862_15 Datasheet HTML 10Page - Analog Devices AD1862_15 Datasheet HTML 11Page - Analog Devices AD1862_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1862
–10–
REV. A
HIGH-RESOLUTION SIGNAL PROCESSING
Figure 14 illustrates the AD1862 combined with the DSP56000.
In high-resolution applications, the combination of the 24-bit
architecture of the DSP56000 and the low noise and high reso-
lution of the AD1862 can produce a high-resolution, low-noise
system.
As shown in Figure 14, the clock signal supplied by the DSP
processor must be inverted to be compatible with the input of
the AD1862. The exact architecture of the output low-pass filter
depends on the sample rate of the output data. In general, the
higher the oversampling rate, the fewer number of filter poles
are required to prevent aliasing.
The 20-bit resolution is particularly suitable for professional au-
dio, mixing or equalization equipment. Its resolution allows
24 dB of equalization to be performed on 16-bit input words
without signal truncation. Furthermore, up to sixteen 16-bit in-
put words can be mixed and output directly to the AD1862. In
this case, no loss of signal information would be encountered.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOW PASS
FILTER
OUTPUT
VOLTAGE
0.1
µF
0.1
µF
0.1
µF
5V
DIGITAL
SUPPLY
12V
ANALOG
SUPPLY
12V
ANALOG
SUPPLY
0.1
µF
10
µF
AD846
ANALOG
COMMON
DIGITAL
COMMON
5V
DIGITAL
SUPPLY
V
CC
SCK
SC2
STD
V
DD
DSP56001
1
µF
AD1862
V
+
S
NR
2
ADJ
NR
1
AGND
I
OUT
R
F
DGND
V
+
L
LE
V
S
TRIM
CLK
DATA
V
L
V
S
Figure 14. DSP56001 and AD1862 Produce High Resolution Signal Processing System
OBSOLETE


Similar Part No. - AD1862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862N AD-AD1862N Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
AD1862N-J AD-AD1862N-J Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Similar Description - AD1862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com