Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73415-2866 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73415-2866
Description  50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73415-2866 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73415-2866 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73415-2866
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange,
Kinked Tail, Jack Receptacle, Code G/Gray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
PCB
UPC
822348565030
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
6.493/g
Orientation
Right Angle
PCB Mounting
Through Hole - Kinked Pin
PCB Thickness - Recommended
2.60mm
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
RPS-73415-001
Sales Drawing
SD-73415-286
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73415Series
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73415-2866

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-2860 MOLEX11-73415-2860 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board
73415-2861 MOLEX11-73415-2861 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2862 MOLEX11-73415-2862 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2863 MOLEX11-73415-2863 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange,
73415-2864 MOLEX11-73415-2864 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle
More results

Similar Description - 73415-2866

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734152866 MOLEX11-0734152866 Datasheet
53Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2862 MOLEX11-73415-2862 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2870 MOLEX11-73415-2870 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange,
73415-2867 MOLEX11-73415-2867 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
0734152862 MOLEX11-0734152862 Datasheet
53Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2863 MOLEX11-73415-2863 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange,
73415-2869 MOLEX11-73415-2869 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange,
0734152867 MOLEX11-0734152867 Datasheet
53Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
0734152868 MOLEX11-0734152868 Datasheet
53Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
0734152869 MOLEX11-0734152869 Datasheet
53Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
73415-2861 MOLEX11-73415-2861 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle, Printed Circuit Board, Bulkhead Double Flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com