Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF115F0071HNIL2NILF Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF115F0071HNIL2NILF
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F0071HNIL2NILF Datasheet(HTML) 2 Page - Hongfa Technology

  HF115F0071HNIL2NILF Datasheet HTML 1Page - Hongfa Technology HF115F0071HNIL2NILF Datasheet HTML 2Page - Hongfa Technology HF115F0071HNIL2NILF Datasheet HTML 3Page - Hongfa Technology HF115F0071HNIL2NILF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8;@
J^USXVXSQaX]\`
IQaX\W`
;[RXU\a
KU[^U_Qab_U
M>?
KI88<I}59/KB\0/U0;/J0/I0
?D 9<7XDF
]p >7xF
89D 9<7XDF
]p >7xF
87D 9<7XDF
]p >7xF
KI88<I}58\/U0/8B90/J0/I0
89D 9<7XDF
]p >7xF
8=D 9<7XDF
]p >7xF
87D 9<7XDF
]p >7xF
@D 9<7XDF FQU{ C75;
]p >7xF
KI88<I}58\/U0:/J0/I0
8=D 9<7XDF
]p >7xF
@D 9<7XDF FQU{ C75;
]p >7xF
KI88<I}59/KB\0/U0;E/J0/I0
<D ;77XDF
]p ?<xF
?D 9<7XDF
]p ?<xF
DcF`Q
DcPe
DcUjQ9
KI88<I}58K/U0/8B90/J0/I0
KI88<I}58K/U0:/J0/I0
=]\aQSa [QaU_XQZ
89D 9<7XDF
89D 9<7XDF
8=D 9<7XDF
@D 9<7XDF FQU{ C75;
8=D 9<7XDF /PQ kjhu0
89D 9<7XDF
@D 9<7XDF FQU{ C75; /PQ kjhu0
87/;0D 9<7XDF /PQ kjhu0
89/90D 9<7XDF /PQ kjhu0
?D 9<7XDF
89D 9<7XDF
8=D 9<7XDF
@D 9<7XDF FQU{ C75;
8=D 9<7XDF /PQ kjhu0
@D 9<7XDF FQU{ C75; /PQ kjhu0
]p ?<xF
]p ?<xF
]p ?<xF
]p >7xF
]p ?<xF
]p ?<xF
]p >7xF
]p =<xF
]p =<xF
]p ?<xF
]p ?<xF
]p ?<xF
]p >7xF
]p ?<xF
]p >7xF
KI88<I}58K/U0/8B90E/J0/I0
KI88<I}58\/U0/8B90E/J0/I0
KI88<I}58K/U0:E/J0/I0
KI88<I}58\/U0:E/J0/I0
KI88<I}59/KB\0/U0;D/J0/I0
KI88<I}58/KB\0/U0/8B90D/J0/I0
KI88<I}58K/U0:D/J0/I0
KI88<I}58\/U0:D/J0/I0
LD4=LD
Xanoekj 8 kn 9 /DcF`Q0
Xanoekj 8 kn 9 /DcUjQ90
Xanoekj : /DcF`Q0
Xanoekj 8 kn 9 /DcPe0
Xanoekj ; /DcF`Q0
Xanoekj : /DcUjQ90
Xanoekj : /DcPe0
Xanoekj ; /DcUjQ90
Xanoekj ; /DcPe0
8=D 9>> XDF
86:KR 89<XDF
869KR 9<7XDF
E:77
T:77
8=D 9>>XDF
<IND3 :7NTD 9<7XDF
87D 9<7XDF
?D 9>>XDF
869KR 9<7XDF
86;KR 89<XDF
?D 9>>XDF
?D 9>>XDF
F]aU`:
80 Dhh r]hqao qjola_ebea` ]na ]p nkki pailan]pqna5
90 Qjhu pule_]h hk]`o ]na heopa` ]^kra5 Qpdan hk]` ola_ebe_]pekjo _]j ^a ]r]eh]^ha qlkj namqaop5
89D 9>>XDF
869KR 9<7XDF
86:KR 89<XDF
89D 6 9>>XDF
E:77
T:77
89D 9>>XDF
8=D 9>> XDF
@D 9<7XDF ]p 87<xF
8KR 9<7XDF
869KR 89<XDF
VX4< 89<XDF
J;@?KO ;HHIGM;D I;KCFAJ


Similar Part No. - HF115F0071HNIL2NILF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F HONGFA-HF115F Datasheet
77Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F HONGFA-HF115F Datasheet
66Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A/024-1D1AFXXX HONGFA-HF115F-A/024-1D1AFXXX Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F0071HNIL2NILF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com