Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBRF195P Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # DBRF195P
Description  1/C 037 50 Ohm Broadband PLENUM Coaxial Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

DBRF195P Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  DBRF195P Datasheet HTML 1Page - General Cable Technologies Corporation DBRF195P Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT DATA SHEET
Page 2 of 2
12.0
Attenuation: (Nom.)
Frequency (MHz)
Att. dB/100ft
Attn. dB/100m
Avg. Power (KW)
30
2.00
6.56
0.71
50
2.50
8.20
0.56
150
4.40
14.43
0.32
220
5.30
17.38
0.27
450
7.80
25.58
0.18
900
10.90
35.75
0.13
1500
14.89
48.83
0.09
1800
16.66
54.65
0.08
2000
17.80
58.39
0.08
2500
20.51
67.27
0.07
3400
25.04
82.14
0.06
5800
35.84
117.57
0.04
C.
Mechanical Characteristics
1.0
Cable Weight:
22.0 lbs/kft / (32.59 Kg/km)
2.0
Bend Radius (Installation):
0.5 inch / (12.7 mm) min
3.0
Bend Radius (Repeated):
2.0 inch / (50.8 mm) min
4.0
Tensile Strength:
40 Lbs. / (178.0 N)
5.0
Operating Temperature:
-5°C to +75°C
6.0
Storage Temperature:
-10°C to +80°C
D.
Agencies Approvals:
ETL to UL & CSA Standard 444 and NEC Article 800 Type
CMP and CSA c(ETL)us.
E.
Flame Rating:
Plenum NFPA 262; Steiner Tunnel and CSA FT6 Flame Test.
F.
RoHS Compliant:
Yes


Similar Part No. - DBRF195P

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
DBRF195 GENERAL-DBRF195 Datasheet
78Kb / 2P
   037??-- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
DBRF195R GENERAL-DBRF195R Datasheet
76Kb / 2P
   037??-- 50 Ohm Broadband Indoor / Riser Coaxial Cable
More results

Similar Description - DBRF195P

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
DBRF195R GENERAL-DBRF195R Datasheet
76Kb / 2P
   037??-- 50 Ohm Broadband Indoor / Riser Coaxial Cable
DBRF195 GENERAL-DBRF195 Datasheet
78Kb / 2P
   037??-- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
   50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
   50 OHM COAXIAL CABLE
311201 ETC2-311201 Datasheet
122Kb / 1P
   50 OHM COAXIAL CABLE
421601 ETC2-421601 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
432101 ETC2-432101 Datasheet
99Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com