Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C119811 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C119811
Description  1C 11 19/24 BC FMPE OAS PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C119811 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C119811 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C1198
Revision Level:
04
Date:
09/10/2010
1C 11 19/24 BC FMPE OAS PVC
RG 8/U TYPE COAXIAL CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#11 AWG 19/24 Bare Copper
0.097” nom.
2)
INSULATION
0.094” Foamed Polyethylene
0.285” nom.
3)
SHIELD:
33 AWG Bare Copper Braid
95% Nom Coverage
0.317” nom.
4)
JACKET:
0.044” Wall Polyvinyl Chloride - Black
0.405” +/- 0.010”
5)
PRINT LEGEND:
CAROL(R) -- C1198— RG8/U TYPE 50 OHM COAXIAL CABLE -- 1C 11 AWG
E18621-F (
) 80C AWM 1354 -- ROHS -- MADE IN USA
(MO/YR & SEQ/ FTG
MARKING)
B.
INDUSTRY APPROVALS
UL Subject 758
AWM Style 1354
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
-20C to +80 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
30V Max
3)
CONDUCTOR D.C. RESISTANCE:
1.90 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
1.1 Ohms/1000 ft. nom. @ 20 C
5)
CAPACITANCE:
24.0 pF/ft. @ 1kHz nom.
6)
CHARACTERISTIC IMPEDANCE:
52 Ohms @ 1 MHz nom.
7)
VELOCITY OF PROPAGATION
78.0 % nom.
8)
ATTENUATION (NOMINAL):
FREQ. (MHz)
dB/100 ft.
1
0.17
10
0.57
50
1.20
100
1.80
200
2.70
500
4.70
1000
7.10
2000
12.25
3000
16.69
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
REV. 03; 12/01/00
REV. 04: add Rohs and edit print legend add 2k& 3k Freq. – GT (09/10/2010)


Similar Part No. - C119811

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11981 LEDIL-C11981 Datasheet
4Mb / 3P
   Basepart for LENA/LENINA reflectors
More results

Similar Description - C119811

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1108A11 GENERAL-C1108A11 Datasheet
33Kb / 1P
   1C 16 19/28 BC; FMPE OAS PVC
C5039 GENERAL-C5039 Datasheet
36Kb / 1P
   1C 14 SOLID BCCS, FMPE OAS PVC RG 11/U TYPE COAXIAL CABLE
C1103 GENERAL-C1103 Datasheet
34Kb / 1P
   1C 22 7/30 BC FPE OAS PVC
C115411 GENERAL-C115411 Datasheet
36Kb / 1P
   1C 13 7/21 BC; PE OAS PVC
E2242S GENERAL-E2242S Datasheet
58Kb / 1P
   2C 16 AWG 19/.0117 BC OAS PVC / PVC
C5775 GENERAL-C5775 Datasheet
74Kb / 1P
   1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE COAXIAL CABLE
C5889 GENERAL-C5889 Datasheet
75Kb / 2P
   1C 18 SOLID BCCS FMPE OAS PVC (RISER) RG 6/U TYPE COAXIAL CABLE
C5785 GENERAL-C5785 Datasheet
75Kb / 2P
   1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE QUAD SHIELD COAXIAL CABLE
C5920A GENERAL-C5920A Datasheet
89Kb / 1P
   1C 18 SOLID BCCS FMPE OAS CLEAR BLUE PVC RG 6/U TYPE COAXIAL CABLE
C5886 GENERAL-C5886 Datasheet
74Kb / 1P
   1C 18 SOLID BCCS FMPE OAS PVC (RISER) RG 6/U TYPE COAXIAL CATV/DBS CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com