Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT823AL Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT823AL
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT823AL Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT823AL Datasheet HTML 1Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 2Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 3Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 4Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 5Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 6Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 7Page - Integrated Device Technology IDT74FCT823AL Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.19
6
IDT54/74FCT821/823/824/825A/B/C
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
2608 tbl* 08
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
IDT54/74FCT821A/
823A/824A/825A
IDT54/74FCT821B/
823B/824B/825B
IDT54/74FCT821C/
823C/824C/825C
Test
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Parameter
Description
Conditions(1)
Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CP to Y I (
OE = LOW)
CL = 50pF
RL = 500
10.0
11.5
7.5
8.5
6.0
7.0
ns
CL = 300pF(3)
RL = 500
20.0
20.0
15.0
16.0
12.5
13.5
tSU
Set-up Time HIGH or LOW
D i to CP
CL = 50pF
RL = 500
4.0
4.0
3.0
3.0
3.0
3.0
ns
tH
Hold Time HIGH or LOW
D I to CP
2.0
2.0
1.5
1.5
1.5
1.5
ns
tSU
Set-up Time HIGH or LOW
EN to CP
4.0
4.0
3.0
3.0
3.0
3.0
ns
tH
Hold Time HIGH or LOW
EN to CP
2.0
2.0
0
0
0
0
ns
tPHL
Propagation Delay,
CLR to
YI
14.0
15.0
9.0
9.5
8.0
8.5
ns
tREM
Recovery Time
CLR to CP
6.0
7.0
6.0
6.0
6.0
6.0
ns
tW
CP Pulse Width
HIGH or LOW
7.0
7.0
6.0
6.0
6.0
6.0
ns
tW
CLR Pulse Width
LOW
6.0
7.0
6.0
6.0
6.0
6.0
ns
tPZH
tPZL
Output Enable Time
OE
to YI
CL = 50pF
RL = 500
12.0
13.0
8.0
9.0
7.0
8.0
ns
CL = 300pF(3)
RL = 500
23.0
25.0
15.0
16.0
12.5
13.5
tPHZ
tPLZ
Output Disable Time
OE
to YI
CL = 5pF(3)
RL = 500
7.0
8.0
6.5
7.0
6.2
6.2
ns
CL = 50pF
RL = 500
8.0
9.0
7.5
8.0
6.5
6.5


Similar Part No. - IDT74FCT823AL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT823AT IDT-IDT74FCT823AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT823ATD IDT-IDT74FCT823ATD Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823ATDB IDT-IDT74FCT823ATDB Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT823AL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com