Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF115F0061DNIL2BF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF115F0061DNIL2BF
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F0061DNIL2BF Datasheet(HTML) 1 Page - Hongfa Technology

  HF115F0061DNIL2BF Datasheet HTML 1Page - Hongfa Technology HF115F0061DNIL2BF Datasheet HTML 2Page - Hongfa Technology HF115F0061DNIL2BF Datasheet HTML 3Page - Hongfa Technology HF115F0061DNIL2BF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8;?
Ieha Pk5AH8:;<8>
Ieha Pk5A88=@:;
KQPJID THND[
Ieha Pk5AFSF7?77979?8:7
@UQab_U`
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
978; Tar5 8579
Dllnkt5 ;77iY
Fkjp]_p n]pejc
/Tao5 hk]`0
Geaha_pne_
opnajcpd
Udk_g naoeop]j_a
Fkeh lksan
Rh]ope_ oa]ha`3
Ihqt lnkkba`
89D68=D 9<7XDF
?D 9<7XDF
O]t5 osep_dejc rkhp]ca
O]t5 osep_dejc _qnnajp
O]t5 osep_dejc lksan
Oa_d]je_]h aj`qn]j_a
;;7XDF 6 :77XGF
89D 6 8=D
?D
:777XD 6 ;777XD
9777XD
8 t 87
>
QRU
Hha_pne_]h aj`qn]j_a
.
Nks daecdpA 8<5> ii
.
8=D osep_dejc _]l]^ehepu
.
<gX `eaha_pne_ opnajcpd
/^apsaaj _keh ]j` _kjp]_po0
.
Fnaal]ca `eop]j_aA 87ii
.
Oaapejc XGH 7>773 7=:8 naejbkn_a ejoqh]pekj
.
Rnk`q_p ej ]__kn`]j_a pk LHF =7::<48 ]r]eh]^ha
.
Uk_gapo ]r]eh]^ha
.
Rh]ope_ oa]ha` ]j` bhqt lnkkba` pulao ]r]eh]^ha
.
WN ejoqh]pekj ouopaiA Fh]oo I ]r]eh]^ha
.
Hjrenkjiajp]h bneaj`hu lnk`q_p /TkKU _kilhe]jp0
.
Qqpheja GeiajoekjoA /9@57 t 895> t 8<5>0 ii
B@559@
ECFC;KLI? BCAB HGN?I I?D;O
8K:E pulaA 8 t 87
<
QRU
/8=D 9<7XDF3
Taoeopera hk]`3 DcPe3 Tkki pail53 8o kj @o kbb0
9K;E pulaA 8 t 87
<
QRU
/?D 9<7XDF3
Taoeopera hk]`3 DcPe3 Tkki pail53 8o kj @o kbb0
8D3 8E3 8F
9D3 9E3 9F
877i
i]t5/]p 8D =XGF0
Uaa kn`anejc ejbk5
Fkjp]_p ]nn]jcaiajp
Fkjp]_p naoeop]j_a
Fkjp]_p i]pane]h
8777O
/]p <77XGF0
<777XDF 8iej
8777XDF 8iej
9<77XDF 8iej
87gX /859 6 <7zo0
8<io i]t5
?io i]t5
<<M i]t5
@?i6o
9
@?7i6o
9
87Kv pk 8<7Kv 87c6<c
<- pk ?<- TK
4;7
pk ?<
RFE
Dllnkt5 8:5<c
=GFK;=K >;K;
=B;I;=K?ICJKC=J
=GCD
<
=
89
9;
;?90
=790
88790
:5<7
;597
?5;7
8=5?7
::5=7
;9577
>>577
75<
75=
859
95;
;5?
=57
8857
>5<
@57
8?
:=
>9
@7
8=<
Pkiej]h
Xkhp]ca
XGF
Fkeh
Taoeop]j_a
Re_g4ql
Xkhp]ca
XGF
i]t5
Gnkl4kqp
Xkhp]ca
XGF
iej5
=GCD >;K;
=9 t /8 87-0
@7 t /8 87-0
:=7 t /8 87-0
8;;7 t /8 87-0
<>=7 t /8 8<-0
><77 t /8 8<-0
9<977 t /8 8<-0
@
=5:7
75@
8:5<
979 t /8 87-0
8?
895=7
85?
9>
?87 t /8 87-0
Ljoqh]pekj naoeop]j_a
Eapsaaj _keh . _kjp]_po
Eapsaaj klaj _kjp]_po
Eapsaaj _kjp]_p oapo
Uqnca rkhp]ca /^apsaaj _keh . _kjp]_po0
Qlan]pa peia /]p jkie5 rkhp50
Taha]oa peia /]p jkie5 rkhp50
Vailan]pqna neoa /]p jkie5 rkhp50
Iqj_pekj]h
Gaopnq_pera
Xe^n]pekj naoeop]j_a
Kqie`epu
Di^eajp pailan]pqna
Vaniej]pekj
Wjep saecdp
Fkjopnq_pekj
]p 9:
O]t5
Xkhp]ca
XGF 80
F]aU`:
80 O]teiqi rkhp]ca nabano pk pda i]teiqi rkhp]ca sde_d nah]u
_keh _kqh` aj`qna ej ] odknp lanek` kb peia5
90 Ikn lnk`q_po sepd n]pa` rkhp]ca - ;?X3 ia]oqnao odkqh` ^a
p]gaj pk lnarajp _keh kranrkhp]ca ej kn`an pk lnkpa_p _keh ej paop
]j` ]llhe_]pekj /ac5 Fkjja_p `ek`ao ej l]n]hhah05
M
> ?
1
1
F]aU`:
80 Vda `]p] odksj ]^kra ]na ejepe]h r]hqao5
90
Lj`at eo jkp ej nah]u hajcpd `ena_pekj5
:0 WN ejoqh]pekj ouopaiA Fh]oo I
3 Fh]oo E5
1


Similar Part No. - HF115F0061DNIL2BF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F HONGFA-HF115F Datasheet
77Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F HONGFA-HF115F Datasheet
66Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A/024-1D1AFXXX HONGFA-HF115F-A/024-1D1AFXXX Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F0061DNIL2BF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com