Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP38HC42EMA Datasheet(PDF) 9 Page - IMP, Inc

Part # IMP38HC42EMA
Description  BiCMOS Current-Mode PWM Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP38HC42EMA Datasheet(HTML) 9 Page - IMP, Inc

Back Button IMP38HC42EMA Datasheet HTML 2Page - IMP, Inc IMP38HC42EMA Datasheet HTML 3Page - IMP, Inc IMP38HC42EMA Datasheet HTML 4Page - IMP, Inc IMP38HC42EMA Datasheet HTML 5Page - IMP, Inc IMP38HC42EMA Datasheet HTML 6Page - IMP, Inc IMP38HC42EMA Datasheet HTML 7Page - IMP, Inc IMP38HC42EMA Datasheet HTML 8Page - IMP, Inc IMP38HC42EMA Datasheet HTML 9Page - IMP, Inc IMP38HC42EMA Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
© 2000 IMP, Inc.
PWM Controllers
9
Package Dimensions
D1
D
eA
C
0
°–15°
A
E1
E
e1
B1
B
L
A1
Plastic DIP (14-Pin).eps
Plastic DIP (14-Pin)
SO (14-Pin)
H
E
eB
D
A1
A
SO (16-Pin).eps
L
0
°– 8°
C
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
4
1
(
O
S
A6
2
9
0
.
03
4
0
1
.
05
3
.
25
6
.
2
1
A0
4
0
0
.
08
1
1
.
00
1
.
00
3
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C1
9
0
0
.
05
2
1
0
.
03
2
.
02
3
.
0
D5
6
4
3
.
02
2
6
3
.
00
8
.
80
2
.
9
E4
1
2
.
02
9
9
2
.
00
4
.
70
6
.
7
eC
S
B
0
5
0
.
0C
S
B
7
2
.
1
H4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
*
*
)
n
i
P
-
4
1
(
P
I
D
c
i
t
s
a
l
P
A5
5
1
.
00
0
2
.
04
9
.
38
0
.
5
1
A0
2
.
00
5
.
01
5
.
07
2
.
1
B4
1
0
.
00
2
0
.
06
5
3
.
08
0
5
.
0
1
B0
5
0
.
05
6
0
.
07
2
.
15
6
.
1
C8
0
0
.
02
1
0
.
04
0
2
.
04
0
3
.
0
D5
4
7
.
00
7
7
.
03
9
.
8
15
5
.
9
1
E0
0
3
.
05
2
3
.
02
6
.
75
2
.
8
1
E0
4
2
.
00
6
2
.
00
1
.
60
6
.
6
1
eP
Y
T
0
0
1
.
0P
Y
T
4
5
.
2
A
eP
Y
T
0
0
3
.
0P
Y
T
2
6
.
7
L0
0
1
.
0
8
1
.
31
8
.
3
F
A
3
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
B
A
-
A
A
1
0
0
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
3
t
a
.
6
0
t
_
C
H
/
C
8
3


Similar Part No. - IMP38HC42EMA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP38HC42EMA A1PROS-IMP38HC42EMA Datasheet
165Kb / 10P
   BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
08/30/00
More results

Similar Description - IMP38HC42EMA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com