Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72225LB35TFB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72225LB35TFB
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72225LB35TFB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72225LB35TFB Datasheet HTML 7Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 8Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 9Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 10Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 11Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 12Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 13Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 14Page - Integrated Device Technology IDT72225LB35TFB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18-BIT, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
NOTE:
1. When tSKEW2 minimum specification, tFRL (maximum) = tCLK + tSKEW2. When tSKEW2 < minimum specification, tFRL (maximum) = either 2 * tCLK + tSKEW2,
or
tCLK + tSKEW2. The Latency Timing apply only at the Empty Boundary (
EF = LOW).
Figure 9. Empty Flag Timing
Figure 11. Read Programmable Registers
WCLK
D0 - D17
RCLK
Q0 - Q17
tDS
tENS
tA
tSKEW2
DATA WRITE 1
DATA READ
tENH
tREF
tDS
tENS
DATA WRITE 2
tENH
tREF
DATA IN OUTPUT REGISTER
tFRL
(1)
LOW
2766 drw 11
tREF
tSKEW2
tFRL
(1)
WCLK
tCLKH
tCLKL
tCLK
tENS
tENH
LD
WEN
D0–D15
tDS
tDH
PAE OFFSET
PAF OFFSET
D0–D11
PAE OFFSET
tENS
2766 drw 12
Figure 10. Write Programmable Registers
RCLK
tCLKH
tCLKL
tCLK
tENS
tENH
Q0–Q15
PAE OFFSET
PAF OFFSET
PAE OFFSET
UNKNOWN
tA
tENS
2766 drw 13


Similar Part No. - IDT72225LB35TFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72225LB IDT-IDT72225LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72225LB RENESAS-IDT72225LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72225LB35TFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com