Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402TF3N3 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0402TF3N3
Description  SMD THIN FILM CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402TF3N3 Datasheet(HTML) 2 Page - Frontier Electronics.

  0402TF3N3 Datasheet HTML 1Page - Frontier Electronics. 0402TF3N3 Datasheet HTML 2Page - Frontier Electronics. 0402TF3N3 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0402TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A
B.
Dimensions and Recommend Land Pattern: (mm/inch)
Series
A
B
C
D
a
b
c
0402TF
1.00±0.05
(0.039±0.002)
0.50±0.05
(0.020±0.002)
0.32±0.05
(0.013±0.002)
0.20±0.10
(0.008±0.004)
0.50
(0.020)
0.45
(0.018)
0.60±0.20
(0.024±0.008)
C.
Part Number (Example):
D.
General information:
1.
0402TF-xxx_, “0402TF” = P/N, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_”: J: ± 5%, H: ± 3%, G: ± 2%, F: ± 1%, B: ± 0.1nH, C: ± 0.2nH, S: ±0.3nH.
3.
A Photo Lithographic Single Layer Ceramic Chip.
4.
High SRF, Excellent Q, Superior Temperature Stability
5.
Tight Tolerance of ± 1% or ± 0.1nH
6.
Stable Inductance in High Frequency Circuit
7.
Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
8.
Inductance & Q measured using the HP4286A and Agilent 16196B.
9.
SRF measured using the HP8720D or HP8753E.
10. DCR measured using the 502BC.
11. Operating temperature: -40
°C to +125ºC.
12. Storage Temperature: 25ºC ± 3ºC; Humidity < 80%RH
13. Inductance Range: 0.20 nH (800 mA)
∼ 33.0 nH (75 mA),
14. SRF Range: 14.0 GHz to 2.5 GHz.
15. MSL: Level 1.
E.
Applications:
1.
Cellular-phone, Pagers and GPS Products.
2.
VCO, TCXO Circuit and RF Transceiver Module.
3.
Wireless LAN, Bluetooth Module, Communication Appliances Hybrid.
F.
Reel Specification:
Series
φA
φB
φC
W
T
Quantity
0402TF
178±1
(7±0.040)
60 ± 1.0
(0.236±0.040)
13.5 ± 0.70
(0.531±0.028)
9.5 ± 1.0
(0.374±0.040)
11.5 ± 1.0
(0.453±0.040)
10,000
PCS
Recommend Land Pattern
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0402TF3N3

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF3N3 FRONTIER-0402TF3N3 Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF3N3 FRONTIER-0402TF3N3 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
More results

Similar Description - 0402TF3N3

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0201TF FRONTIER-0201TF Datasheet
293Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com