Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603C12N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0603C12N
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603C12N Datasheet(HTML) 1 Page - Frontier Electronics.

  0603C12N Datasheet HTML 1Page - Frontier Electronics. 0603C12N Datasheet HTML 2Page - Frontier Electronics. 0603C12N Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0603C Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(nH)
Tol.
Q min.
Typ.
Test Freq.
(MHz)
900(MHz)
1.7(GHz )
SRF Min.
(GHz)
DCR Max.
(
Ω)
I rms.
Max. (mA)
Color
code
L typ.
Q typ.
L typ.
Q typ.
0603C-1N6_
1.6
K, J
24
250
1.67
49
1.65
63
12.50
0.030
700
Black
0603C-1N8_
1.8
K, J
16
250
1.83
35
1.86
50
12.50
0.045
700
Brown
0603C-2N1_
2.1
K, J
20
250
2.11
31
2.09
45
5.80
0.005
700
Red
0603C-2N2_
2.2
K, J
20
250
2.22
31
2.24
44
5.80
0.005
700
Orange
0603C-3N3_
3.3
K, J
20
250
3.31
75
3.38
88
5.50
0.070
700
Violet
0603C-3N6_
3.6
K, J
22
250
3.72
53
3.71
65
5.90
0.063
700
Red
0603C-3N9_
3.9
K, J
22
250
3.95
49
3.96
67
5.90
0.080
700
Orange
0603C-4N3_
4.3
K, J
22
250
4.32
50
4.33
70
5.90
0.063
700
Yellow
0603C-4N7_
4.7
K, J
20
250
4.72
47
4.75
57
5.80
0.116
700
Green
0603C-5N1_
5.1
K, J
20
250
4.93
47
4.95
56
5.70
0.140
700
Blue
0603C-5N6_
5.6
K, J
20
250
5.77
63
6.05
80
5.80
0.150
700
Gray
0603C-6N1_
6.1
K, J
25
250
5.90
59
7.08
79
5.80
0.110
700
White
0603C-6N8_
6.8
K, J, G
27
250
6.75
60
7.10
81
5.80
0.110
700
Violet
0603C-7N5_
7.5
K, J, G
28
250
7.70
60
7.82
85
4.80
0.106
700
Gray
0603C-8N2_
8.2
K, J, G
25
250
8.25
82
8.37
87
5.80
0.120
700
Black
0603C-8N4_
8.4
K, J, G
28
250
8.39
79
8.51
85
4.60
0.109
700
Red
0603C-8N5_
8.5
K, J, G
28
250
8.47
81
8.62
86
4.60
0.109
700
Red
0603C-8N7_
8.7
J, G
28
250
8.86
62
9.32
58
4.60
0.109
700
White
0603C-9N5_
9.5
J, G
28
250
9.70
59
9.92
61
5.40
0.135
700
Black
0603C-10N_
10
J, G
31
250
10.00
66
10.6
83
4.80
0.130
700
Brown
0603C-11N_
11
J, G
33
250
11.00
53
11.5
56
4.00
0.086
700
Red
0603C-12N_
12
J, G
35
250
12.30
72
13.5
83
4.00
0.130
700
Orange
0603C-14N_
14
J, G
35
250
14.20
69
15.6
85
4.00
0.170
700
Brown
0603C-15N_
15
J, G
35
250
15.40
64
16.8
89
4.00
0.170
700
Yellow
0603C-16N_
16
J, G
34
250
16.20
55
17.3
52
3.30
0.104
700
Green
0603C-18N_
18
J, G
35
250
18.70
70
21.4
69
3.10
0.170
700
Blue
0603C-22N_
22
J, G
38
250
22.80
73
26.1
71
3.00
0.190
700
Violet
0603C-23N_
23
J, G
38
250
24.10
71
28.0
67
2.85
0.190
700
Black
0603C-24N_
24
J, G
37
250
24.50
45
28.7
39
2.65
0.135
700
Gray
0603C-27N_
27
J, G
40
250
29.20
74
34.6
65
2.80
0.220
600
White
0603C-30N_
30
J, G
37
250
31.40
47
39.9
28
2.25
0.144
600
Black
0603C-33N_
33
J, G
40
250
36.00
67
49.5
42
2.30
0.220
600
Brown
0603C-36N_
36
J, G
38
250
39.40
47
52.7
24
2.08
0.250
600
Red
0603C-39N_
39
J, G
40
250
42.70
60
60.2
40
2.20
0.250
600
Orange
0603C-43N_
43
J, G
39
250
47.00
44
64.9
21
2.00
0.280
600
Yellow
0603C-47N_
47
J, G
38
200
52.20
62
77.2
35
2.00
0.280
600
Green
0603C-51N_
51
J, G
35
200
55.50
69
82.2
34
1.90
0.270
600
Brown
0603C-56N_
56
J, G
38
200
62.50
56
97.0
26
1.90
0.310
600
Blue
0603C-68N_
68
J, G
37
200
80.50
54
168
21
1.70
0.340
600
Violet
0603C-72N_
72
J, G
34
150
82.00
53
135
20
1.70
0.490
400
Gray
0603C-82N_
82
J, G
34
150
96.20
54
177
21
1.70
0.540
400
White
0603C-R10_
100
J, G
34
150
124
49
--
--
1.40
0.580
400
Black
0603C-R11_
110
J, G
32
150
138
43
--
--
1.35
0.610
300
Brown
0603C-R12_
120
J, G
32
150
166
39
--
--
1.30
0.650
300
Red
0603C-R15_
150
J, G
28
150
250
25
--
--
0.990
0.920
280
Orange
0603C-R18_
180
J, G
25
100
305
22
--
--
0.990
1.250
240
Yellow
0603C-R20_
200
J, G
25
100
--
--
--
--
0.990
1.980
200
Red
0603C-R21_
210
J, G
27
100
--
--
--
--
0.895
2.060
200
Orange
0603C-R22_
220
J, G
25
100
--
--
--
--
0.900
1.900
200
Green
0603C-R25_
250
J, G
25
100
--
--
--
--
0.822
3.550
120
Yellow
0603C-R27_
270
J, G
24
100
--
--
--
--
0.900
2.300
170
Blue
0603C-R33_
330
J, G
24
100
--
--
--
--
0.900
2.300
100
Violet
0603C-R39_
390
J, G
25
100
--
--
--
--
0.900
4.350
100
Gray
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0603C12N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0603C103B6NB10 ETC-0603C103B6NB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0603C103B6NB4 ETC-0603C103B6NB4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0603C103B6NT10 ETC-0603C103B6NT10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0603C103B6NT4 ETC-0603C103B6NT4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0603C103B6PB10 ETC-0603C103B6PB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - 0603C12N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com