Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603CP10N Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0603CP10N
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603CP10N Datasheet(HTML) 2 Page - Frontier Electronics.

  0603CP10N Datasheet HTML 1Page - Frontier Electronics. 0603CP10N Datasheet HTML 2Page - Frontier Electronics. 0603CP10N Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0603CP Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
B.
Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
0603CP
1.70(0.067)
1.02(0.040)
0.92(0.036)
0.33(0.013)
0.86(0.034)
0.64(0.025)
0.64(0.025)
1.02(0.040)
Tol.
± 0.1(0.004)
± 0.1(0.004)
± 0.1(0.004)
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1.
P/N: 0603CP-xxx_, “0603CP” = Size Type, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : K: ± 10%, J: ± 5%, G: ± 2%.
3.
Small and lightweight surface mounting type.
4.
High Q at high frequency & High self-resonance frequency.
5.
For 15ºC Temperature Rise at 25ºC ambient.
6.
Inductance & Q measured with HP4291B Impedance Analyzer.
7.
SRF measured using the HP8720D or HP8753E Network Analyzer.
8.
DCR measured using the 16502 milliohm meter.
9.
Operating temperature: -40
°C to +125ºC.
10. This series has no color code due to the size is small.
11. Inductance and Current Range: From 1.6 nH (700mA) to 390 nH (100 mA)
12. SRF: From 822 MHz to 12500 MHz
13. MSL: Level 1.
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
6.
RF Filters
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0603CP10N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0603C FRONTIER-0603C Datasheet
72Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C Datasheet
121Kb / 5P
   Tape and Reel Specifications
0603C-10N FRONTIER-0603C-10N Datasheet
72Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C-10NF FRONTIER-0603C-10NF Datasheet
74Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C-10NG FRONTIER-0603C-10NG Datasheet
74Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
More results

Similar Description - 0603CP10N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com