Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0201TF3N5 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 0201TF3N5
Description  SMD THIN FILM CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0201TF3N5 Datasheet(HTML) 3 Page - Frontier Electronics.

  0201TF3N5 Datasheet HTML 1Page - Frontier Electronics. 0201TF3N5 Datasheet HTML 2Page - Frontier Electronics. 0201TF3N5 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0201TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A
H.
Environmental Characteristics:
J.
Solder Profile:
ITEM
Specification
Test Method
1
Inductance
As SPEC.
Measuring equipment and fixture:
HP4287 + Agilent 16196C
2
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100Vfor 1 minute
3
Damp Heat with Load
∆L ≤10%
MIL-STD-202F Method 103B
40±2°C, 90~95% R.H. Max. working voltage for 1000
hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
4
Bending Strength
As SPEC.
JIS-C-5201-1 6.1.4
Bending Amplitude 3mm for 10 seconds
5
Solder-ability
95% min coverage
MIL-STD-202F Method 208H
245±5°C for 3 seconds
6
Resistance to Soldering Heat
△L≤10% MIL-STD-202FMethod210E
260±5°C for 10 seconds
7
Dielectric Withstand Voltage
>100V
MIL-STD-202F Method 301.
Apply 100VA (rms) for 1minute.
8
High Temperature Exposure
△L≦10% JIS-C-5201-1-7.2
85ºC ± 2ºC, 1000 +48/-0 hours
9
Low Temperature Storage
△L≦10% JIS-C-5201-1-7.1
-40ºC ± 3ºC, 1000 +48/-0 hours
10
Temperature Cycle
△L≦10% JIS-C-5201-1-7.4
-40/RT/85/RT, 10 cycles
Storage Temperature: 25±3°C; Humidity < 80% RH
Frontier Electronics Corp.
®
Page 3 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0201TF3N5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0201 KEMET-0201 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
0201 PANASONIC-0201 Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0201 MA-COM-0201 Datasheet
131Kb / 3P
   Type CRG Series
logo
Zibo Seno Electronic En...
02010BQ ZSELEC-02010BQ Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results

Similar Description - 0201TF3N5

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com