Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7140SA25FB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7140SA25FB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140SA25FB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7140SA25FB Datasheet HTML 6Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 7Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 8Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 9Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 10Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 11Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 12Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 13Page - Integrated Device Technology IDT7140SA25FB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6.01
11
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(2)
8M824S25
8M824S308M824S35
7130X20
(1)
7130X25
(3)
7130X35
7130X55
7130X100
7140X25(3)
7140X35
7140X55
7140X100
Symbol
Parameter
Min.
Max.
Min.
Max.
Min. Max.
Min.
Max.
Min.
Max.
Unit
Interrupt Timing
tAS
Address Set-up Time
0
0
0
0
0
ns
tWR
Write Recovery Time
0
0
0
0
0
ns
tINS
Interrupt Set Time
20
25
25
45
60
ns
tINR
Interrupt Reset Time
20
25
25
45
60
ns
2689 tbl 12
NOTES:
1.
0
°C to +70°C temperature range only, PLCC and TQFP packages.
2.
“X” in part numbers indicates power rating (SA or LA).
3.
Not available in DIP packages .
INT
INT
INT
INT
INT SET:
TIMING WAVEFORM OF INTERRUPT MODE
INT
INT
INT
INT
INT CLEAR:
NOTES:.
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. See Interrupt Truth Table.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
tINS
ADDR'A'
INT'B'
INTERRUPT ADDRESS
tWC
tAS
R/
W'A'
tWR
2689 drw 16
(3)
(3)
(2)
(4)
tRC
INTERRUPT CLEAR ADDRESS
ADDR'B'
OE'B'
tINR
INT'B'
2689 drw 17
tAS
(3)
(3)


Similar Part No. - IDT7140SA25FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140SA25FG IDT-IDT7140SA25FG Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7140SA25FGB IDT-IDT7140SA25FGB Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7140SA25FGI IDT-IDT7140SA25FGI Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7140SA25FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com