Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293A-100 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 293A-100
Description  SMD AIR WOUND COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

293A-100 Datasheet(HTML) 2 Page - Frontier Electronics.

  293A-100 Datasheet HTML 1Page - Frontier Electronics. 293A-100 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
293A Series – SMD AIR WOUND COIL
Rev. A
D. Characteristics curve:
Inductance vs. Frequency
Q vs. Frequency
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 293A-100

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
293A-100 FRONTIER-293A-100 Datasheet
70Kb / 2P
   SMD Air Wound Coils
More results

Similar Description - 293A-100

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
LSQ0908A FRONTIER-LSQ0908A Datasheet
237Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WQAC293 WALSIN-WQAC293 Datasheet
261Kb / 7P
   SMD Air Wound Coil Inductors
WQAC294 WALSIN-WQAC294 Datasheet
243Kb / 7P
   SMD Air Wound Coil Inductors
logo
Frontier Electronics.
297A FRONTIER-297A Datasheet
612Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com