Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292BR08 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 292BR08
Description  SMD AIR WOUND COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

292BR08 Datasheet(HTML) 1 Page - Frontier Electronics.

  292BR08 Datasheet HTML 1Page - Frontier Electronics. 292BR08 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
292AR & 292BR Series – SMD AIR WOUND COIL
Rev. A
A. Electrical Specifications:
P/N
Turns
L @100MHz
(nH)
Tol.
Q
Min.
Test Freq.
(MHz)
DCR max.
(m
Ω)
SRF min.
(GHz)
I DC max.
(A)
292AR-02_
2
1.65
K
100
800
4.0
10.0
1.6
292AR-03_
3
2.55
K, J
100
800
5.0
8.2
1.6
292AR-04_
4
3.85
K, J, G
100
800
6.0
7.5
1.6
292AR-05_
5
5.45
J, G
100
800
8.0
7.0
1.6
292BR-06_
6
5.60
J, G
100
800
9.0
6.5
1.6
292BR-07_
7
7.15
J, G
100
800
10.0
6.0
1.6
292BR-08_
8
8.80
J, G
100
800
12.0
6.0
1.6
292BR-09_
9
9.85
J, G
100
800
13.0
5.2
1.6
292BR-10_
10
12.55
J, G
100
800
14.0
4.6
1.6
B. Dimensions mm (Inch):
Series
a
b
c
d
e
f
g
h
i
j
292AR
1.42
(0.055)
0.89
(0.035)
1.37
(0.053)
2.21
(0.087)
1.83
(0.072)
2.62
(0.103)
2.46
(0.096)
1.04
(0.04)
1.02
(0.04)
0.79
(0.031)
Tol.
±0.13
(0.005)
±0.25
(0.009)
±0.15
(0.005)
±0.25
(0.009)
±0.25
(0.009)
Typ.
Typ.
Typ.
Typ.
Typ.
292BR
1.42
(0.055)
0.89
(0.035)
1.37
(0.053)
4.04
(0.159)
3.66
(0.144)
4.45
(0.175)
2.46
(0.096)
2.87
(0.112)
1.02
(0.04)
0.79
(0.031)
Tol.
±0.13
(0.005)
±0.25
(0.009)
±0.15
(0.005)
±0.3
(0.011)
±0.25
(0.009)
Typ.
Typ.
Typ.
Typ.
Typ.
Foot Print
C. General Information:
1.
P/N: 292AR-xx_, “292AR” = Type, “xx” = Dash number, “_” = Inductance tolerance
2.
P/N: 292BR-xx_, “292BR” = Type, “xx” = Dash number, “_” = Inductance tolerance
3.
Tolerance “_”: G: ± 2%, J: ± 5%, K: ± 10%
4.
Small and lightweight surface mounting type
5.
High Q at high frequency
6.
High self-resonance frequency
7.
Maximum Temperature Rise: 15ºC (when measured at 25ºC ambient)
8.
Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
9.
SRF measured using the HP8753E, HP8720D Network Analyzer or equivalent
10. DCR measured using the Chroma 16502 or equivalent
11. Operating temperature: -40
°C to +125ºC
12. Storage temp. : -40ºC to +85ºC
13. Inductance and Current Range: From 1.65 nH (1600 mA) to 12.55 nH (1600 mA)
14. SRF: From 4600 MHz to 10000 MHz
15. MSL: Level 1
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
6.
RF Filters
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 292BR08

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
292B FRONTIER-292B Datasheet
75Kb / 2P
   SMD Air Wound Coils
292B FRONTIER-292B Datasheet
121Kb / 5P
   Tape and Reel Specifications
292B-06 FRONTIER-292B-06 Datasheet
75Kb / 2P
   SMD Air Wound Coils
292B-07 FRONTIER-292B-07 Datasheet
75Kb / 2P
   SMD Air Wound Coils
292B-08 FRONTIER-292B-08 Datasheet
75Kb / 2P
   SMD Air Wound Coils
More results

Similar Description - 292BR08

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
LSQ0908A FRONTIER-LSQ0908A Datasheet
237Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WQAC293 WALSIN-WQAC293 Datasheet
261Kb / 7P
   SMD Air Wound Coil Inductors
WQAC294 WALSIN-WQAC294 Datasheet
243Kb / 7P
   SMD Air Wound Coil Inductors
logo
Frontier Electronics.
297A FRONTIER-297A Datasheet
612Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com