Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLI-343M8C Datasheet(PDF) 1 Page - Rohm

Part # SLI-343M8C
Description  High brightness
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343M8C Datasheet(HTML) 1 Page - Rohm

  SLI-343M8C Datasheet HTML 1Page - Rohm SLI-343M8C Datasheet HTML 2Page - Rohm SLI-343M8C Datasheet HTML 3Page - Rohm SLI-343M8C Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
(2.5)
Cathode
φ
3.8
φ
3.1
□0.4
Tolerance :
±0.2
(unit : mm)
2.5 or 5.0
2.0
1.0 ±0.1
(unit : mm)
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLI-343V8RC
AIGaInP
on GaAs
Red
54
20
100
9
-30 to +85
-40 to +100
2.2
20
10
9
630
20
150
330
20
SLI-343U8RC
620
SLI-343D8C
Orange
605
330
680
SLI-343Y8C
Yellow
590
SLI-343M8C
Yellowish
Green
572
68
150
SLI-343P8C
Green
560
10
22
SLI-343V8R
Red
630
100
220
SLI-343U8R
620
SLI-343D8U
Orange
605
220
470
SLI-343Y8Y
Yellow
590
SLI-343M8G
Yellowish
Green
572
68
150
SLI-343P8G
Green
560
10
22
Viewing angle 2
θ 1/2 /
40 : EXCELED
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
Directivity (deg)
RELATIVE INTENSITY (%)
Diffused
Clear
*:Duty1/10, 1kHz
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
*EXCELED™ is ROHM's pending trademark.
Features
・Viewing angle 2θ 1/2 : 40°
・High brightness
・Low current consumption
・Competent to direct mount
SLI-343
8 Series
EXCELED
Color
Type
V
U
D
Y
M
P
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Similar Part No. - SLI-343M8C

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343M8C ROHM-SLI-343M8C Datasheet
185Kb / 5P
   3.1(T-1) Circular Type Standard Type
SLI-343M8C ROHM-SLI-343M8C Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
More results

Similar Description - SLI-343M8C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com